Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS2004 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STTS2004
Description  16 bytes Page Write within 5 ms
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2004 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STTS2004 Datasheet HTML 41Page - STMicroelectronics STTS2004 Datasheet HTML 42Page - STMicroelectronics STTS2004 Datasheet HTML 43Page - STMicroelectronics STTS2004 Datasheet HTML 44Page - STMicroelectronics STTS2004 Datasheet HTML 45Page - STMicroelectronics STTS2004 Datasheet HTML 46Page - STMicroelectronics STTS2004 Datasheet HTML 47Page - STMicroelectronics STTS2004 Datasheet HTML 48Page - STMicroelectronics STTS2004 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
DocID024229 Rev 3
45/58
STTS2004
DC and AC parameters
58
VIL
Input logic low
SCL, SDA, A0-A2
–0.5
0.3VDD
V
VIH
Input logic high
SCL, SDA, A0-A2
0.7VDD
VDD + 1.0
V
fSCL
I2C clock frequency
10
1000
kHz
ttimeout SMBus timeout
25
35
ms
VHV
A0 high voltage
VHV VDD 4.8 V
7
10
V
VOL1
Output low voltage
IOL = 3.0 mA,
VDD > 2.2 V
0.4
V
IOL
Low-level output current
VOL = 0.4 V
20
mA
VHYST Input hysteresis (SCL, SDA)
0.05VDD
V
VPON
Power-on reset (POR) threshold
Monotonic rise
between VPON and
VDD (min) without
ringback
1.6
V
VPOFF
Power-off threshold for warm
power-on cycle
0.9
V
VPU
EVENT pin pull-up voltage
VDD + 1.0
V
1. Guaranteed operating temperature for combined module: TA = –20 °C to 125 °C; VDD = 2.2 V to 3.6 V (except where
noted).
2. Typical numbers taken at VDD = 3.3 V, TA = 25 °C.
3. Read current only
4. Verified by design and characterization, not necessarily tested on all devices
Table 30. DC characteristics - temperature sensor component with EEPROM (continued)
Sym
Description
Test condition(1)
Min
Typ(2)
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com