Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS2004 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STTS2004
Description  16 bytes Page Write within 5 ms
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2004 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STTS2004 Datasheet HTML 6Page - STMicroelectronics STTS2004 Datasheet HTML 7Page - STMicroelectronics STTS2004 Datasheet HTML 8Page - STMicroelectronics STTS2004 Datasheet HTML 9Page - STMicroelectronics STTS2004 Datasheet HTML 10Page - STMicroelectronics STTS2004 Datasheet HTML 11Page - STMicroelectronics STTS2004 Datasheet HTML 12Page - STMicroelectronics STTS2004 Datasheet HTML 13Page - STMicroelectronics STTS2004 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
Serial communications
STTS2004
10/58
DocID024229 Rev 3
Table 2. Device select code
Function
Symbol
Device Type Identifier
(DTI)(1)
Logical Serial
Address (LSA)(2)(3)
R/W
A0 pin(4)
b7
b6
b5
b4
b3
b2
b1
b0
Read temperature registers
RTR
0
0
1
1
A2
A1
A0
1
0 or 1
Write temperature registers
WTR
0
Read EE memory
RSPD
1
0
1
0
A2
A1
A0
1
0 or 1
Write EE memory
WSPD
0
Set write protection, block 0
SWP0
01
1
0
00
1
0
VHV
Set write protection, block 1
SWP1
1
0
0
0
VHV
Set write protection, block 2
SWP2
1
0
1
0
VHV
Set write protection, block 3
SWP3
0
0
0
0
VHV
Clear all write protection
CWP
0
1
1
0
VHV
Read protection status, block 0(5)
RPS0
0
0
1
1
0, 1 or VHV
Read protection status, block 1(5)
RPS1
1
0
0
1
0, 1 or VHV
Read protection status, block 2(5)
RPS2
1
0
1
1
0, 1 or VHV
Read protection status, block 3(5)
RPS3
0
0
0
1
0, 1 or VHV
Set EE page address to 0(6)
SPA0
1
1
0
0
0, 1 or VHV
Set EE page address to 1(6)
SPA1
1
1
1
0
0, 1 or VHV
Read EE page address(7)
RPA
1
1
0
1
0, 1 or VHV
Reserved
--
All other encodings
1. The most significant bit, b7, is sent first.
2. Logical Serial Addresses (LSA) are generated by the combination of inputs on the address pin (refer to Table 1)
3. For backward compatibility with previous devices, the order of block select bits (b3 and b1) are not a simple binary
encoding of the block number
4. A0 pin is driven to 0 = VSS, 1 = VDD or VHV.
5. Reading the block protection status results in Ack when the block is not write-protected, and results in NoAck when the
block is write-protected.
6. Setting the SPD (EEPROM) page address to 0 selects the lower 256 bytes of EEPROM, setting to 1 selects the upper 256
bytes of EEPROM. Subsequent Read EE or Write EE commands operate on the selected EE page.
7. Reading the EE page address results in ACK when the current page is 0 and NACK when the current page is 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com