Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS2004 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STTS2004
Description  16 bytes Page Write within 5 ms
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2004 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STTS2004 Datasheet HTML 36Page - STMicroelectronics STTS2004 Datasheet HTML 37Page - STMicroelectronics STTS2004 Datasheet HTML 38Page - STMicroelectronics STTS2004 Datasheet HTML 39Page - STMicroelectronics STTS2004 Datasheet HTML 40Page - STMicroelectronics STTS2004 Datasheet HTML 41Page - STMicroelectronics STTS2004 Datasheet HTML 42Page - STMicroelectronics STTS2004 Datasheet HTML 43Page - STMicroelectronics STTS2004 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
Use in a memory module
STTS2004
40/58
DocID024229 Rev 3
6
Use in a memory module
In the Dual In line Memory Module (DIMM) application, the SPD is soldered directly on to
the printed circuit module. The three slave address inputs (A0, A1, A2) must be connected
to VSS or VDD directly (that is without using a pull-up or pull-down resistor) through the
DIMM socket (see Table 25).
6.1
Programming the SPD
The SPD EEPROM can be programmed when:
the DIMM is isolated (not inserted on the PCB motherboard)
the DIMM is inserted on the PCB motherboard
6.1.1
Isolated DIMM
With specific programming equipment, it is possible to define the SPD EEPROM content
using byte and page write instructions, and to set its write-protection using the SWPn and
CWP instructions. To issue the SWPn and CWP instructions, the DIMM must be inserted in
the application-specific slot where the A0 signal must be driven to VHV during the whole
instruction. This programming step is mainly intended for use by DIMM makers, whose end-
application manufacturers will want to clear this write-protection with the CWP on their own
specific programming equipment, to modify the protection bytes.
The read protection status (RPSn), Set SPD Page address (SPAn), and the Read SPD
Page Address (RPA) commands are fully supported when the DIMM is isolated.
Table 25. DRAM DIMM connections
DIMM position
A2
A1
A0
0
VSS (0)
VSS (0)
VSS (0)
1
VSS(0)
VSS (0)
VDD (1)
2
VSS (0)
VDD (1)
VSS (0)
3
VSS (0)
VDD (1)
VDD(1)
4
VDD (1)
VSS (0)
VSS (0)
5
VDD (1)
VSS (0)
VDD (1)
6
VDD (1)
VDD (1)
VSS (0)
7
VDD (1)
VDD (1)
VDD (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com