Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS2004 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STTS2004
Description  16 bytes Page Write within 5 ms
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2004 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STTS2004 Datasheet HTML 12Page - STMicroelectronics STTS2004 Datasheet HTML 13Page - STMicroelectronics STTS2004 Datasheet HTML 14Page - STMicroelectronics STTS2004 Datasheet HTML 15Page - STMicroelectronics STTS2004 Datasheet HTML 16Page - STMicroelectronics STTS2004 Datasheet HTML 17Page - STMicroelectronics STTS2004 Datasheet HTML 18Page - STMicroelectronics STTS2004 Datasheet HTML 19Page - STMicroelectronics STTS2004 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
Temperature sensor operation
STTS2004
16/58
DocID024229 Rev 3
Figure 7. I2C write to pointer register, followed by a write data word
3.2
SMBus/I2C AC timing consideration
In order for this device to be both SMBus- and I2C-compatible, it complies to a subset of
each specification. The requirements which enable this device to co-exist with devices on
either an SMBus or an I2C bus include:
The SMBus minimum clock frequency is required
The SMBus timeout is maximum 35 ms
AI14012
19
1
9
ACK
by
STTS2004
No ACK
by
STTS2004
Stop
Cond.
by
Master
D7
D6
D5
D4
D3
D2
D1
D0
MSB Data Byte
LSB Data Byte
11
99
0
Start
by
Master
Address Byte
Pointer Byte
ACK
by
STTS2004
ACK
by
STTS2004
0
1
1
A2
A1 A0 R/W
0
0
0
0
0
D2 D1 D0
SCL
SCL
(continued)
SDA
D8
D9
D10
D11
D12
D13
D14
D15
SDA
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com