Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS2004 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STTS2004
Description  16 bytes Page Write within 5 ms
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2004 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STTS2004 Datasheet HTML 21Page - STMicroelectronics STTS2004 Datasheet HTML 22Page - STMicroelectronics STTS2004 Datasheet HTML 23Page - STMicroelectronics STTS2004 Datasheet HTML 24Page - STMicroelectronics STTS2004 Datasheet HTML 25Page - STMicroelectronics STTS2004 Datasheet HTML 26Page - STMicroelectronics STTS2004 Datasheet HTML 27Page - STMicroelectronics STTS2004 Datasheet HTML 28Page - STMicroelectronics STTS2004 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
DocID024229 Rev 3
25/58
STTS2004
Temperature sensor registers
58
Figure 9. Event output boundary timings
Systems that use the active high mode for Event output must be wired point-to-point
between the STTS2004 and the sensing controller. Wire-OR configurations should not be
used with active high Event output since any device pulling the Event output signal low will
mask the other devices on the bus. Also note that the normal state of Event output in active
high mode is a ‘0’ which will constantly draw power through the pull-up resistor.
Table 12. Legend for Figure 9: Event output boundary timings
Note
Event output boundary conditions
Event output
TA bits
Comparator Interrupt Critical 15
14
13
1TA  TLOWER
HL
H
0
0
0
2TA TLOWER - THYS
LL
H
0
0
1
3TATUPPER
LL
H
0
1
0
4TA TUPPER - THYS
HL
H
0
0
0
5TA  TCRIT
LL
L
1
0
0
6TA TCRIT - THYS
LH
H
0
1
0
7
When TA  TCRIT and TA < TCRIT - THYS, the event output is in comparator mode and bit 0
of the configuration register (interrupt mode) is ignored.
Comparator
TCRIT
TUPPER
TLOWER
TA
TLOWER - THYS
Interrupt
S/W Int. Clear
Critical
TUPPER - THYS
TCRIT - THYS
TUPPER - THYS
TLOWER - THYS
12
1 3
3 5
7
46 4
2
AI12271
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com