Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS2004 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STTS2004
Description  16 bytes Page Write within 5 ms
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2004 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STTS2004 Datasheet HTML 4Page - STMicroelectronics STTS2004 Datasheet HTML 5Page - STMicroelectronics STTS2004 Datasheet HTML 6Page - STMicroelectronics STTS2004 Datasheet HTML 7Page - STMicroelectronics STTS2004 Datasheet HTML 8Page - STMicroelectronics STTS2004 Datasheet HTML 9Page - STMicroelectronics STTS2004 Datasheet HTML 10Page - STMicroelectronics STTS2004 Datasheet HTML 11Page - STMicroelectronics STTS2004 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
Serial communications
STTS2004
8/58
DocID024229 Rev 3
2
Serial communications
The STTS2004 has a simple 2-wire I2C-compatible digital serial interface which allows the
user to access both the 4 Kb serial EEPROM and the data in the temperature register at any
time. It communicates via the serial interface with a master controller which operates at
speeds of up to 1 MHz. It also gives the user easy access to all of the STTS2004 registers in
order to customize device operation.
The device behaves as a slave device in the I2C protocol, with all operations synchronized
by the serial clock. Read and write operations are initiated by a START condition, generated
by the bus master. The START condition is followed by a device select code and R/W bit (as
described in Table 2 on page 10), terminated by an acknowledge bit.
The STTS2004 device is selected when decoding the correct device select byte. The device
select byte is comprised of the 4-bit Device Type Identifier (DTI) and the 3-bit select
address.
The SPD and TS portions of the STTS2004 device are designed to operate in parallel.
Accesses to each portion of the device may be interleaved as long as the command
protocol is followed.
When writing data to the memory, the STTS2004 inserts an acknowledge bit during the 9th
clock cycle, following the bus master's 8-bit transmission. When data is read by the bus
master, the bus master acknowledges the receipt of the data byte in the same way. Data
transfers are terminated by a bus master generated STOP condition after an ACK for
WRITE, and after a No ACK for READ.
The TS portion of the STTS2004 device uses a pointer register to access all registers in the
device. Additionally, all data transfers to and from this section of the device are performed
as block read/write operations. The data is transmitted/received as 2 bytes, Most Significant
Byte (MSB) first, and terminated with a No ACK and STOP after the Least Significant Byte
(LSB). Data and address information is transmitted and received Most Significant Bit first.
Note:
Clock stretching is not supported by the device.
Violations of the command protocol result in unpredictable operation.
2.1
Device type identifier (DTI) code
The JEDEC temperature sensor and EEPROM each have their own unique I2C address,
which ensures that there are no compatibility or data translation issues. This is due to the
fact that each of the devices have their own 4-bit DTI code, while the remaining three bits
are configurable. This enables the EEPROM and thermal sensors to provide their own
individual data via their unique addresses and still not interfere with each other’s operation
in any way.
The TS registers of the STTS2004 are accessed using a DTI of (0011).
A0, A1, and A2 inputs are directly combined with the DTI and the SPD page address bit to
qualify I2C addresses. Each of the address pins (A0, A1, A2) is tied to VDD or VSS for the
Logical Serial Address (LSA) which is equal to the code on the address pins (refer to
Table 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com