Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS2004 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STTS2004
Description  16 bytes Page Write within 5 ms
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2004 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STTS2004 Datasheet HTML 28Page - STMicroelectronics STTS2004 Datasheet HTML 29Page - STMicroelectronics STTS2004 Datasheet HTML 30Page - STMicroelectronics STTS2004 Datasheet HTML 31Page - STMicroelectronics STTS2004 Datasheet HTML 32Page - STMicroelectronics STTS2004 Datasheet HTML 33Page - STMicroelectronics STTS2004 Datasheet HTML 34Page - STMicroelectronics STTS2004 Datasheet HTML 35Page - STMicroelectronics STTS2004 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
Temperature sensor registers
STTS2004
32/58
DocID024229 Rev 3
4.9
Device reset and initialization
In order to prevent inadvertent operations during power-up, a Power-On Reset (POR) circuit
is included. Upon a cold power-on, VDD must rise monotonically between VPON and VDD
(min) without ringback to ensure proper startup. Once VDD has passed the VPON threshold,
the device is reset.
Prior to selecting the memory and issuing instructions, a valid and stable VDD voltage must
be applied, and no command may be issued to the device for tINIT. The supply voltage must
remain stable and valid until the end of the transmission of the instruction and, for a Write
instruction, until the completion of the internal write cycle (tW).
At power-down (phase during which VDD decreases continuously), as soon as VDD drops
from the normal operating voltage below the minimum operating voltage, the device stops
responding to commands. Upon warm power cycling, VDD must remain below VPOFF for the
period tPOFF, and must meet cold power-on reset timing when restoring power.
Note:
If VDD drops below VPON but stays above VPOFF, for less than or greater than tPOFF, and
then returns to VDD(min), a POR MAY occur.
Figure 11. STTS2004 reset and initialization
Power-up conditions
The VDD voltage has to rise continuously from 0 V up to the minimum VDD operating voltage
defined in Table 29 and the rise time must not vary faster than 1 V/μs.
VPOFF
VPOFF
VPON
VDD (min)
Cold Power
Warm Power
On Reset
On Reset
VDD Ramp Up and Ramp Down
tPOFF
First
Command
tINIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com