Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS2004 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STTS2004
Description  16 bytes Page Write within 5 ms
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2004 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STTS2004 Datasheet HTML 31Page - STMicroelectronics STTS2004 Datasheet HTML 32Page - STMicroelectronics STTS2004 Datasheet HTML 33Page - STMicroelectronics STTS2004 Datasheet HTML 34Page - STMicroelectronics STTS2004 Datasheet HTML 35Page - STMicroelectronics STTS2004 Datasheet HTML 36Page - STMicroelectronics STTS2004 Datasheet HTML 37Page - STMicroelectronics STTS2004 Datasheet HTML 38Page - STMicroelectronics STTS2004 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
DocID024229 Rev 3
35/58
STTS2004
SPD EEPROM operation
58
Figure 12. Setting the write protection
5.4.2
RPSn: read protection status
The controller issues an RPSn command specifying which block to report upon. If the
software write protection has not been set, the device replies to the data byte with an Ack. If
it has been set, the device replies to the data byte with a NoAck.
5.4.3
SPAn: set SPD page address
The controller issues an SPAn command to select the lower 256 bytes (SPA0) or upper 256
bytes (SPA1). After a cold or warm power-on reset, the SPD page address is always 0,
selecting the lower 256 bytes.
5.4.4
RPA: read SPD page address
The controller issues an RPA command to determine if the currently selected SPD page is 0
(device returns Ack) or 1 (device returns NoAck).
5.5
Write operations
Following a Start condition, the bus master sends a device select code with the RW bit reset
to 0. The device acknowledges this, as shown in Figure 13, and waits for an address byte.
The device responds to the address byte with an acknowledge bit, and then waits for the
data byte.
When the bus master generates a Stop condition immediately after a data byte Ack bit (in
the “10th bit” time slot), either at the end of a Byte write or a Page write, the internal memory
Write cycle is triggered. A Stop condition at any other time slot does not trigger the internal
Write cycle.
During the internal Write cycle, Serial Data (SDA) and Serial Clock (SCL) are ignored, and
the device does not respond to any requests.
SDA LINE
AI01935b
ACK
WORD
ADDRESS
VALUE
(DON'T CARE)
ACK
DATA
VALUE
(DON'T CARE)
ACK
CONTROL
BYTE
BUS ACTIVITY
MASTER
BUS ACTIVITY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com