Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS2004 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STTS2004
Description  16 bytes Page Write within 5 ms
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2004 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STTS2004 Datasheet HTML 7Page - STMicroelectronics STTS2004 Datasheet HTML 8Page - STMicroelectronics STTS2004 Datasheet HTML 9Page - STMicroelectronics STTS2004 Datasheet HTML 10Page - STMicroelectronics STTS2004 Datasheet HTML 11Page - STMicroelectronics STTS2004 Datasheet HTML 12Page - STMicroelectronics STTS2004 Datasheet HTML 13Page - STMicroelectronics STTS2004 Datasheet HTML 14Page - STMicroelectronics STTS2004 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
DocID024229 Rev 3
11/58
STTS2004
Serial communications
58
Figure 1. Logic diagram
1. SDA and EVENT are open drain.
Note:
The STTS2004 also has a heat paddle, which is typically connected to the application
ground plane, refer to Figure 23: Landing pattern - TDFN8 package (DN).
Figure 2. TDFN8 connections (top view)
1. SDA and EVENT are open drain.
Table 3. Signal names
Pin
Symbol
Description
Direction
1
A0
Serial bus address selection pin. Can be tied to VSS or VDD. Input
2
A1
Serial bus address selection pin. Can be tied to VSS or VDD. Input
3
A2
Serial bus address selection pin. Can be tied to VSS or VDD. Input
4VSS
Supply ground
5
SDA(1)
1. SDA and EVENT are open drain.
Serial data
Input/output
6
SCL
Serial clock
Input
7
EVENT(1)
Event output pin. Open drain and active-low.
Output
8VDD
Supply power (2.2 V to 3.6 V)
AI12261
SDA(1)
VDD
STTS2004
VSS
SCL
EVENT(1)
A 2
A 1
A 0
1
SDA(1)
GND
SCL
EVENT(1)
A1
A0
VDD
A2
AI12262
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com