Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS2004 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STTS2004
Description  16 bytes Page Write within 5 ms
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2004 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STTS2004 Datasheet HTML 42Page - STMicroelectronics STTS2004 Datasheet HTML 43Page - STMicroelectronics STTS2004 Datasheet HTML 44Page - STMicroelectronics STTS2004 Datasheet HTML 45Page - STMicroelectronics STTS2004 Datasheet HTML 46Page - STMicroelectronics STTS2004 Datasheet HTML 47Page - STMicroelectronics STTS2004 Datasheet HTML 48Page - STMicroelectronics STTS2004 Datasheet HTML 49Page - STMicroelectronics STTS2004 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
DC and AC parameters
STTS2004
46/58
DocID024229 Rev 3
Figure 18. SMBus/I2C timing diagram
Table 31. Input parameters
Symbol
Parameter(1)
Test condition
Min
Max
Units
CIN
Input capacitance
8
pF
ZAIL
A0, A1, A2 input impedance
VIN < 0.3 VDD
30
k
ZAIH
A0, A1, A2 input impedance
VIN > 0.7VDD
800
k
tSP
Spike suppression pulse width of spikes that must be
suppressed by the input filter on SCL and SDA
50
ns
1.
Verified by design and characterization, not necessarily tested on all devices
Table 32. Temperature to digital conversion performance
Symbol
Parameter
Test condition
Min
Typ
Max
Units
B-grade
Accuracy for corresponding range
2.2 V . VDD . 3.6 V
+75 °C < TA < +95
±0.5
±1.0
°C
+40 °C < TA < +125
±1.0
±2.0
–20 °C < TA < +125
±2.0
±3.0
Resolution
0.5
0.25
0.0625
°C/LSB
9
10
12
bits
tCONV
Conversion time
10-bit - default
70
125
ms
V
IH
V
IH
V
IH
V
IH
V
IL
V
IL
V
IL
V
IL
SCL
SCL
SDA
SDA
NOTE: P stands for STOP and S stands for START
STOP
CONDITION
WRITE
CYCLE
START
CONDITION
t
SU:STA
t
SU:STO
t
W
t
BUF
t
LOW
t
HD:STA
t
HD:DI
t
R
t
F
t
SU:DAT
t
HIGH
t
SU:STA
t
HD:DAT
t
SU:STO
P
S
P
S
ai12266a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com