Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS2004 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STTS2004
Description  16 bytes Page Write within 5 ms
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2004 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STTS2004 Datasheet HTML 20Page - STMicroelectronics STTS2004 Datasheet HTML 21Page - STMicroelectronics STTS2004 Datasheet HTML 22Page - STMicroelectronics STTS2004 Datasheet HTML 23Page - STMicroelectronics STTS2004 Datasheet HTML 24Page - STMicroelectronics STTS2004 Datasheet HTML 25Page - STMicroelectronics STTS2004 Datasheet HTML 26Page - STMicroelectronics STTS2004 Datasheet HTML 27Page - STMicroelectronics STTS2004 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 58 page
background image
Temperature sensor registers
STTS2004
24/58
DocID024229 Rev 3
4.2.5
Event output pin functionality
The STTS2004 EVENT pin is an open drain output that requires a pull-up to VDD on the
system motherboard or integrated into the master controller. EVENT has three operating
modes, depending on configuration settings and any current out-of-limit conditions. These
modes are interrupt, comparator or critical.
In interrupt mode the EVENT pin will remain asserted until it is released by writing a ‘1’ to
the “Clear Event” bit in the status register. The value to write is independent of the EVENT
polarity bit.
In comparator mode the EVENT pin will clear itself when the error condition that caused the
pin to be asserted is removed.
In the critical mode the EVENT pin will only be asserted if the measured temperature
exceeds the critical limit. Once the pin has been asserted, it will remain asserted until the
temperature drops below the critical limit minus hysteresis. Figure 9 on page 25 illustrates
the operation of the different modes over time and temperature.
When the hysteresis bits (bits 10 and 9) are enabled, hysteresis may be used to sense
temperature movement around trigger points. For example, when using the “above alarm
window” bit (temperature register bit 14, see Table 13 on page 26) and hysteresis is set to
3 °C, as the temperature rises, bit 14 is set (bit 14 = 1). The temperature is above the alarm
window and the temperature register contains a value that is greater than the value set in
the alarm temperature upper boundary register (see Table 17 on page 28).
If the temperature decreases, bit 14 will remain set until the measured temperature is less
than or equal to the value in the alarm temperature upper boundary register minus 3 °C (see
Figure 8 on page 23 and Table 11 on page 23 for details.
Similarly, when using the “below alarm window” bit (temperature register bit 13, see
Table 13 on page 26) will be set to '0'. The temperature is equal to or greater than the value
set in the alarm temperature lower boundary register (see Table 18 on page 28). As the
temperature decreases, bit 13 will be set to '1' when the value in the temperature register is
less than the value in the alarm temperature lower boundary register minus 3 °C (see
Figure 8 on page 23 and Table 11 on page 23 for details.
If the device enters the shutdown mode with the EVENT output asserted, the output will be
de-asserted.
Once the shutdown bit is cleared, the EVENT output will do the following, based on whether
the device is configured for comparator or interrupt modes:
Comparator mode
The EVENT output will remain de-asserted until after the first temperature conversion
(tCONV) is completed. After this initial temperature conversion, TA must satisfy the TUPPER or
TLOWER boundary conditions in order for the EVENT output to be asserted.
Interrupt mode
The EVENT output will remain de-asserted until after the first temperature conversion
(tCONV) is completed. If the Clear event bit (bit 5 of configuration register) is never set, then
the EVENT output will re-assert after the first temperature conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com