Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS2004 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTS2004
Description  16 bytes Page Write within 5 ms
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2004 Datasheet(HTML) 1 Page - STMicroelectronics

  STTS2004 Datasheet HTML 1Page - STMicroelectronics STTS2004 Datasheet HTML 2Page - STMicroelectronics STTS2004 Datasheet HTML 3Page - STMicroelectronics STTS2004 Datasheet HTML 4Page - STMicroelectronics STTS2004 Datasheet HTML 5Page - STMicroelectronics STTS2004 Datasheet HTML 6Page - STMicroelectronics STTS2004 Datasheet HTML 7Page - STMicroelectronics STTS2004 Datasheet HTML 8Page - STMicroelectronics STTS2004 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
This is information on a product in full production.
October 2013
DocID024229 Rev 3
1/58
STTS2004
2.2 V memory module temperature sensor
with a 4 Kb SPD EEPROM
Datasheet
- production data
Features
 2.2 V memory module temperature sensor with
integrated 4 Kb SPD EEPROM
 Fully compliant with JEDEC TSE2004B2
specifications
 Operating temperature range:
–20 °C to +125 °C
 Single supply voltage 2.2 V to 3.6 V
 2 mm x 3 mm TDFN8, height: 0.80 mm (max):
JEDEC MO-229, W2030D compliant
RoHS compliant, halogen-free
Temperature sensor
 Temperature sensor resolution:
programmable (9-12 bits)
0.25 °C (typ)/LSB - (10-bit) default
 Temperature sensor accuracy (max) of:
± 1 °C (from +75 °C to +95 °C);
± 2 °C (from +40 °C to +125 °C);
± 3 °C (from –20 °C to +125 °C)
 ADC conversion time: 125 ms (max) / 70 ms
(typ) at default resolution (10-bit)
 Typical operating supply current 160 μA
(EEPROM standby)
 Temperature hysteresis selectable set points
from 0, 1.5, 3, 6.0 °C
4 Kb SPD EEPROM
 Functionality identical to ST’s M34E04 SPD
EEPROM
 4 Kbits organized as two pages of 256 bytes
each
 Each page is composed of two 128-byte blocks
 Software data protection for each 128-byte
block
 Byte Write within 5 ms
 16 bytes Page Write within 5 ms
 More than 1 million write cycles
 More than 40-year data retention
Two-wire bus
 Two-wire I2C compatible serial interface
 Supports up to 1 MHz transfer rate (I2C Fast
Mode+)
 Does not initiate clock stretching
 Supports SMBus timeout 25 ms - 35 ms
TDFN8
2 mm x 3 mm
(max height 0.80 mm)
www.st.com


Similar Part No. - STTS2004

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTS2002 STMICROELECTRONICS-STTS2002 Datasheet
146Kb / 9P
2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
03-Mar-2010
STTS2002 STMICROELECTRONICS-STTS2002 Datasheet
770Kb / 52P
2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
21-Mar-2011
STTS2002B2DN3E STMICROELECTRONICS-STTS2002B2DN3E Datasheet
146Kb / 9P
2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
03-Mar-2010
STTS2002B2DN3F STMICROELECTRONICS-STTS2002B2DN3F Datasheet
146Kb / 9P
2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
03-Mar-2010
STTS2002B2DN3F STMICROELECTRONICS-STTS2002B2DN3F Datasheet
770Kb / 52P
2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
21-Mar-2011
More results

Similar Description - STTS2004

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
512 Kbit (64K x8) Page-Write EEPROM
logo
ATMEL Corporation
AT28BV256 ATMEL-AT28BV256_14 Datasheet
301Kb / 17P
Automatic Page Write Operation
AT28C010 ATMEL-AT28C010_14 Datasheet
476Kb / 17P
Automatic Page Write Operation
AT28C040 ATMEL-AT28C040_14 Datasheet
385Kb / 15P
Automatic Page Write Operation
AT28C64B ATMEL-AT28C64B_14 Datasheet
313Kb / 18P
Automatic Page Write Operation
AT28C256 ATMEL-AT28C256_14 Datasheet
665Kb / 25P
Automatic Page Write Operation
AT28HC64B ATMEL-AT28HC64B_14 Datasheet
394Kb / 17P
Automatic Page Write Operation
AT28HC64BF ATMEL-AT28HC64BF_14 Datasheet
373Kb / 16P
Automatic Page Write Operation
AT28HC256N ATMEL-AT28HC256N_14 Datasheet
243Kb / 13P
Automatic Page Write Operation
AT28C010-12DK ATMEL-AT28C010-12DK_14 Datasheet
361Kb / 19P
Automatic Page Write Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com