Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS2004 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTS2004
Description  16 bytes Page Write within 5 ms
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2004 Datasheet(HTML) 4 Page - STMicroelectronics

  STTS2004 Datasheet HTML 1Page - STMicroelectronics STTS2004 Datasheet HTML 2Page - STMicroelectronics STTS2004 Datasheet HTML 3Page - STMicroelectronics STTS2004 Datasheet HTML 4Page - STMicroelectronics STTS2004 Datasheet HTML 5Page - STMicroelectronics STTS2004 Datasheet HTML 6Page - STMicroelectronics STTS2004 Datasheet HTML 7Page - STMicroelectronics STTS2004 Datasheet HTML 8Page - STMicroelectronics STTS2004 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
List of tables
STTS2004
4/58
DocID024229 Rev 3
List of tables
Table 1.
Logical serial address according to A2, A1, A0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Table 2.
Device select code . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Table 3.
Signal names . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Table 4.
Temperature sensor registers summary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Table 5.
Pointer register format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Table 6.
Pointer register select bits (type, width, and default values). . . . . . . . . . . . . . . . . . . . . . . . 18
Table 7.
Capability register format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Table 8.
Capability register bit definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Table 9.
Configuration register format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Table 10.
Configuration register bit definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Table 11.
Hysteresis as applied to temperature movement . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Table 12.
Legend for Figure 9: Event output boundary timings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Table 13.
Temperature register format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Table 14.
Temperature register coding examples (for 10 bits) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Table 15.
Temperature register bit definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .27
Table 16.
Temperature trip point register format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Table 17.
Alarm temperature upper boundary register format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Table 18.
Alarm temperature lower boundary register format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Table 19.
Critical temperature register format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .29
Table 20.
Manufacturer ID register (read-only). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .29
Table 21.
Device ID and device revision ID register (read-only). . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Table 22.
Temperature resolution register (TRES) (read/write) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Table 23.
TRES details. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Table 24.
Operating modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Table 25.
DRAM DIMM connections. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .40
Table 26.
Acknowledge when writing data or defining the write-protection status (instructions with . . .
R/W_n bit = 0). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
Table 27.
Acknowledge when reading the protection status
(instructions with R/W_n bit = 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
Table 28.
Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
Table 29.
Operating and AC measurement conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
Table 30.
DC characteristics - temperature sensor component with EEPROM . . . . . . . . . . . . . . . . . 44
Table 31.
Input parameters. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
Table 32.
Temperature to digital conversion performance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
Table 33.
AC characteristics of STTS2004 for SMBus and I2C compatibility timings. . . . . . . . . . . . . 47
Table 34.
TDFN8 – 8-lead thin dual flat, no-lead (2 mm x 3 mm) mechanical data (DN) . . . . . . . . . . 50
Table 35.
Parameters for landing pattern - TDFN8 package (DN) . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
Table 36.
Carrier tape dimensions TDFN8 package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54
Table 37.
Reel dimensions for 8 mm carrier tape - TDFN8 package . . . . . . . . . . . . . . . . . . . . . . . . . 55
Table 38.
Ordering information scheme . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
Table 39.
Document revision history. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com