Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS2004 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STTS2004
Description  16 bytes Page Write within 5 ms
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2004 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STTS2004 Datasheet HTML 16Page - STMicroelectronics STTS2004 Datasheet HTML 17Page - STMicroelectronics STTS2004 Datasheet HTML 18Page - STMicroelectronics STTS2004 Datasheet HTML 19Page - STMicroelectronics STTS2004 Datasheet HTML 20Page - STMicroelectronics STTS2004 Datasheet HTML 21Page - STMicroelectronics STTS2004 Datasheet HTML 22Page - STMicroelectronics STTS2004 Datasheet HTML 23Page - STMicroelectronics STTS2004 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 58 page
background image
Temperature sensor registers
STTS2004
20/58
DocID024229 Rev 3
4.2
Configuration register (read/write)
The 16-bit configuration register stores various configuration modes that are used to set up
the sensor registers and configure according to application and JEDEC requirements (see
Table 9 on page 21 and Table 10 on page 21).
4.2.1
Event thresholds
All event thresholds use hysteresis as programmed in register address 0x01 (bits 10
through 9) to be set when they de-assert.
4.2.2
Interrupt mode
The interrupt mode allows an event to occur where software may write a '1' to the clear
event bit (bit 5) to de-assert the event Interrupt output until the next trigger condition occurs.
4.2.3
Comparator mode
The comparator mode enables the device to be used as a thermostat. READs and WRITEs
on the device registers will not affect the event output in comparator mode. The event signal
will remain asserted until temperature drops outside the range or is re-programmed to make
the current temperature “out of range”.
4.2.4
Shutdown mode
The STTS2004 features a shutdown mode which disables all power-consuming activities
(e.g. temperature sampling operations), and leaves the serial interface active. This is
selected by setting the shutdown bit (bit 8) to '1'. In this mode, the devices consume the
minimum current (ISHDN), as shown in Table 30 on page 44.
Note:
Bit 8 cannot be set to '1' while bits 6 and 7 (the lock bits) are set to '1'.
The device may be enabled for continuous operation by clearing bit 8 to '0'. In shutdown
mode, all registers may be read or written to. Power recycling will also clear this bit and
return the device to continuous mode as well.
If the device is shut down while the EVENT pin is asserted, then the Event output will be de-
asserted during shutdown. It will remain de-asserted until the device is enabled for normal
operation. Once the device is enabled, it takes tCONV before the device can re-assert the
Event output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com