Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS2004 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STTS2004
Description  16 bytes Page Write within 5 ms
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2004 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STTS2004 Datasheet HTML 22Page - STMicroelectronics STTS2004 Datasheet HTML 23Page - STMicroelectronics STTS2004 Datasheet HTML 24Page - STMicroelectronics STTS2004 Datasheet HTML 25Page - STMicroelectronics STTS2004 Datasheet HTML 26Page - STMicroelectronics STTS2004 Datasheet HTML 27Page - STMicroelectronics STTS2004 Datasheet HTML 28Page - STMicroelectronics STTS2004 Datasheet HTML 29Page - STMicroelectronics STTS2004 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 58 page
background image
Temperature sensor registers
STTS2004
26/58
DocID024229 Rev 3
4.3
Temperature register (read-only)
This 16-bit, read-only register stores the temperature measured by the internal band gap TS
as shown inTable 13. When reading this register, the MSBs (bit 15 to bit 8) are read first,
and then the LSBs (bit 7 to bit 0) are read. The result is the current-sensed temperature.
The data format is 2s complement with one LSB = 0.25 °C for the default resolution. The
MSB has a 128 °C resolution.
The trip status bits represent the internal temperature trip detection, and are not affected by
the status of the event or configuration bits (e.g. event output control or clear event). If
neither of the above or below values are set (i.e. both are 0), then the temperature is exactly
within the user-defined alarm window boundaries.
4.3.1
Temperature format
The 16-bit value used in the trip point set and temperature read-back registers is 2s
complement, with the LSB equal to 0.0625 °C (see Table 13). For example:
1.
a value of 019C h represents 25.75 °C
2.
a value of 07C0 h represents 124 °C, and
3.
a value of 1E74 h represents –24.75 °C
All unused resolution bits are set to zero. The MSB will have a resolution of 128 °C. The
STTS2004 supports programmable resolutions (9-12 bits) which is 0.5 to 0.0625 °C/LSB.
The default is 0.25 °C/LSB (10 bits) programmable.
The upper 3 bits indicate trip status based on the current temperature, and are not affected
by the event output status.
Table 13. Temperature register format
Sign
MSB
LSB(1)
Bit
15
Bit
14
Bit
13
Bit
12
Bit
11
Bit
10
Bit
9
Bit
8
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1(2)
Bit
0(3)
Flag bit
Flag bit
Flag bit
Sign 128 64 32 16
8
4
2
1 0.5
0.25
0.125 0.0625 °C/LSB
Above
critical
input(4)
Above
alarm
window(4)
Below
alarm
window(4)
Temperature (default - 10 bit)
0
0
Flag bits
Example hex value of 07C0 corresponds to 124 °C (10-bit)
0
0
0
0
0
1
1
1
1
1
0
0
0
0
0
0
07C0 h
Flag bits
Example hex value of 1EC0 corresponds to –20 °C (10-bit)
0
0
0
1
1
1
1
0
1
1
0
0
0
0
0
0
1EC0 h
1. Bit 2 is LSB for default 10-bit mode.
2. Depending on status of the resolution register, bit 1 may display 0.125 °C value.
3. Depending on status of the resolution register, bit 0 may display 0.0625 °C value.
4. See Table 15 for explanation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com