Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS2004 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STTS2004
Description  16 bytes Page Write within 5 ms
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2004 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STTS2004 Datasheet HTML 29Page - STMicroelectronics STTS2004 Datasheet HTML 30Page - STMicroelectronics STTS2004 Datasheet HTML 31Page - STMicroelectronics STTS2004 Datasheet HTML 32Page - STMicroelectronics STTS2004 Datasheet HTML 33Page - STMicroelectronics STTS2004 Datasheet HTML 34Page - STMicroelectronics STTS2004 Datasheet HTML 35Page - STMicroelectronics STTS2004 Datasheet HTML 36Page - STMicroelectronics STTS2004 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
DocID024229 Rev 3
33/58
STTS2004
SPD EEPROM operation
58
5
SPD EEPROM operation
5.1
4 Kb SPD EEPROM operation
The STTS2004 includes a 4-Kbit serial EEPROM organized as two pages of 256 bytes
each, or 512 bytes of total memory. Each page is composed of two 128-byte blocks. The
devices are able to selectively lock the data in any or all of the four 128-byte blocks.
The SPD is a 512-byte EEPROM device designed to operate the two-wire bus at a
maximum of 1 MHz transfer rate, in the 2.2 V - 3.6 V voltage range.
The SPD in the STTS2004 is protocol-compatible with the previous operation in the
STTS2002. The page selection method allows commands used with the STTS2002 to be
applied to the lower or upper pages of the EEPROM.
Individually locking a 128-byte block may be accomplished using a software write protection
mechanism in conjunction with a high input voltage VHV on input A0. By sending the device
a specific SMBus sequence, each block may be protected from writes until the write
protection is electrically reversed using a separate I2C sequence which also requires VHV
on input A0. The write protection for all four blocks is cleared simultaneously, and may be
re-asserted after being cleared.
5.2
Internal device reset - SPD EEPROM
In order to prevent inadvertent Write operations during power-up, a Power-On Reset (POR)
circuit is included.
At power-up (phase during which VDD is lower than VDDmin but increases continuously), the
device will not respond to any instruction until VDD has reached the Power-On Reset
threshold voltage (this threshold is lower than the minimum VDD operating voltage defined in
Table 29: Operating and AC measurement conditions). Once VDD has passed the POR
threshold, the device is reset.
Prior to selecting the memory and issuing instructions, a valid and stable VDD voltage must
be applied. This voltage must remain stable and valid until the end of the transmission of the
instruction and, for a Write instruction, until the completion of the internal write cycle (tW).
At power-down (phase during which VDD decreases continuously), as soon as VDD drops
from the normal operating voltage below the Power-On Reset threshold voltage, the device
stops responding to any instruction sent to it.
5.3
Memory addressing
To start communication between the bus master and the slave device, the bus master must
initiate a Start condition. Following this, the bus master sends the device select code, shown
in Table 2 (on serial data (SDA), most significant bit first).
The device select code consists of a 4-bit device type identifier, and a 3-bit slave address
(A2, A1, A0). To address the memory array, the 4-bit device type identifier is 1010b; to
access the write-protection settings, it is 0110b.
Up to eight STTS2004 SPD devices can be connected on a single I2C bus. Each one is
given a unique 3-bit code on the slave address (A0, A1, A2) inputs. When the device select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com