Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS2004 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STTS2004
Description  16 bytes Page Write within 5 ms
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2004 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STTS2004 Datasheet HTML 18Page - STMicroelectronics STTS2004 Datasheet HTML 19Page - STMicroelectronics STTS2004 Datasheet HTML 20Page - STMicroelectronics STTS2004 Datasheet HTML 21Page - STMicroelectronics STTS2004 Datasheet HTML 22Page - STMicroelectronics STTS2004 Datasheet HTML 23Page - STMicroelectronics STTS2004 Datasheet HTML 24Page - STMicroelectronics STTS2004 Datasheet HTML 25Page - STMicroelectronics STTS2004 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
Temperature sensor registers
STTS2004
22/58
DocID024229 Rev 3
6
Alarm window lock bit
– 0 = Alarm trips are not locked and can be altered (this is the default).
– 1 = Alarm trip register settings cannot be altered. This bit is initially cleared. When set, this bit returns a
logic '1' and remains locked until cleared by an internal power-on reset. These bits can be written to with
a single WRITE, and do not require double WRITEs.
7
Critical trip lock bit
– 0 = Critical trip is not locked and can be altered (this is the default).
– 1 = Critical trip register settings cannot be altered. This bit is initially cleared. When set, this bit returns a
logic '1' and remains locked until cleared by an internal power-on reset. These bits can be written to with
a single WRITE, and do not require double WRITEs.
8
Shutdown mode
– 0 = TS is enabled, continuous conversion (this is the default).
– 1 = Shutdown TS when the shutdown, device, and A/D converter are disabled in order to save power. No
event conditions will be asserted; when either of the lock bits (bit6 or bit7) is set, then this bit cannot be
altered until it is unlocked. It can be cleared at any time.
10:9
Hysteresis enable (see Figure 8 and Table 11)
– 00 = Hysteresis is disabled (default)
– 01 = Hysteresis is enabled at 1.5 °C
– 10 = Hysteresis is enabled at 3 °C
– 11 = Hysteresis is enabled at 6 °C
Hysteresis applies to all limits when the temperature is dropping below the threshold so that once the
temperature is above a given threshold, it must drop below the threshold minus the hysteresis in order to
be flagged as an interrupt event. Note that hysteresis is also applied to the EVENT pin functionality. When
either of the lock bits is set, these bits cannot be altered.
15:11
Reserved for future use. These bits will always read ‘0’ and writing to them will have no effect. For future
compatibility, all RFU bits must be programmed as ‘0’.
1. As this device is used in DIMM (memory modules) applications, it is strongly recommended that only the active-low polarity
(default) is used. This will provide full compatibility with the STTS2002. This is the recommended configuration for the
STTS2004.
2. The actual incident causing the event can be determined from the read temperature register. Interrupt events can be
cleared by writing to the clear event bit (writing to this bit will have no effect on overall device functioning).
3. Writing to this register has no effect on overall device functioning in comparator mode. When read, this bit will always
return a logic '0' result.
Table 10. Configuration register bit definitions (continued)
Bit
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com