Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS2004 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STTS2004
Description  16 bytes Page Write within 5 ms
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2004 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STTS2004 Datasheet HTML 37Page - STMicroelectronics STTS2004 Datasheet HTML 38Page - STMicroelectronics STTS2004 Datasheet HTML 39Page - STMicroelectronics STTS2004 Datasheet HTML 40Page - STMicroelectronics STTS2004 Datasheet HTML 41Page - STMicroelectronics STTS2004 Datasheet HTML 42Page - STMicroelectronics STTS2004 Datasheet HTML 43Page - STMicroelectronics STTS2004 Datasheet HTML 44Page - STMicroelectronics STTS2004 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
DocID024229 Rev 3
41/58
STTS2004
Use in a memory module
58
6.1.2
DIMM inserted in the application motherboard
As the final application cannot drive the A0 pin to VHV, this option is not available.
Table 26 and Table 27 show how the Ack bits can be used to identify the write-protection
status.
Table 26. Acknowledge when writing data or defining the write-protection status
(instructions with R/W_n bit = 0)
Status
Instruction
Ack
Address
Ack
Data byte
Ack
Write
cycle (tW)
Protected
SWPn
NoAck
Not
significant
NoAck
Not
significant
NoAck
No
CWP
Ack
Not
significant
Ack
Not
significant
Ack
Yes
Page or byte write
in protected block
Ack
Address
Ack
Data
NoAck
No
Not
protected
SWPn or CWP
Ack
Not
significant
Ack
Not
significant
Ack
Yes
Page or byte write
Ack
Address
Ack
Data
Ack
Yes
Table 27. Acknowledge when reading the protection status
(instructions with R/W_n bit = 1)
SWPn status
Instruction
Ack
Address
Ack
Data byte
Ack
Set
RPSn
NoAck
Not significant
NoAck
Not significant
NoAck
Not set
RPSn
Ack
Not significant
NoAck
Not significant
NoAck



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com