Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS2004 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STTS2004
Description  16 bytes Page Write within 5 ms
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2004 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STTS2004 Datasheet HTML 43Page - STMicroelectronics STTS2004 Datasheet HTML 44Page - STMicroelectronics STTS2004 Datasheet HTML 45Page - STMicroelectronics STTS2004 Datasheet HTML 46Page - STMicroelectronics STTS2004 Datasheet HTML 47Page - STMicroelectronics STTS2004 Datasheet HTML 48Page - STMicroelectronics STTS2004 Datasheet HTML 49Page - STMicroelectronics STTS2004 Datasheet HTML 50Page - STMicroelectronics STTS2004 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 58 page
background image
DocID024229 Rev 3
47/58
STTS2004
DC and AC parameters
58
Table 33. AC characteristics of STTS2004 for SMBus and I2C compatibility timings
Symbol
Parameter
Min
Max
Units
fSCL
I2C clock frequency
10
1000
kHz
tHIGH
Clock high period
260
–
ns
tLOW(1)
1. The STTS2004 will not initiate clock stretching which is an I2C bus optional feature.
Clock low period
500
–
ns
tR(2)
2. Guaranteed by design and characterization, not necessarily tested.
Clock/data rise time
–
120
ns
tF(2)
Clock/data fall time
–
120
ns
tSU:DAT
Data-in setup time
50
–
ns
tHD:DI
Data-in hold time
0
–
ns
tHD:DAT
Data-out hold time
0
350
ns
tSU:STA(3)
3. For a restart condition, or following a WRITE cycle.
Repeated start condition setup time
260
–
ns
tHD:STA
Hold time after (repeated) start condition. After this period,
the first clock cycle is generated.
260
–
ns
tSU:STO
Stop condition setup time
260
–
ns
tBUF
Bus free time between stop (P) and start (S) conditions
500
–
ns
tW(4)
4. This parameter reflects maximum WRITE time for EEPROM.
WRITE time for EEPROM
–
5
ms
ttimeout(5)
5. The I2C bus masters can terminate a transaction in process and reset devices on the bus by asserting SCL
low for tTIMEOUT,MAX or longer. The STTS2004, upon detecting this condition, will reset communication and
be able to receive a new START condition no later than tTIMEOUT,MAX. The STTS2004 will not reset if SCL
stretching is less than tTIMEOUT,MIN.
Bus timeout
25
35
ms
tPOFF
Warm power cycle off time
1
–
ms
tINIT
Time from power-on to first command
10
–
ms
CB(6)
6. The maximum bus capacitance allowable may vary from this value depending on the actual operating
voltage and frequency of the application.
Capacitive load for each bus line
550
pf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com