Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS2004 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STTS2004
Description  16 bytes Page Write within 5 ms
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2004 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STTS2004 Datasheet HTML 15Page - STMicroelectronics STTS2004 Datasheet HTML 16Page - STMicroelectronics STTS2004 Datasheet HTML 17Page - STMicroelectronics STTS2004 Datasheet HTML 18Page - STMicroelectronics STTS2004 Datasheet HTML 19Page - STMicroelectronics STTS2004 Datasheet HTML 20Page - STMicroelectronics STTS2004 Datasheet HTML 21Page - STMicroelectronics STTS2004 Datasheet HTML 22Page - STMicroelectronics STTS2004 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 58 page
background image
DocID024229 Rev 3
19/58
STTS2004
Temperature sensor registers
58
Table 8. Capability register bit definitions
Bit
Definition
0
Basic capability
– 0 = Alarm and critical trips turned OFF.
– 1 = Alarm and critical trips turned ON.
1
Accuracy
– 1 = High accuracy ±1 °C over the active range and ±2 °C over the monitoring range
(B-grade) (default).
2
Range width
– 0 = Values lower than 0 °C will be clamped and represented as binary value '0'.
– 1 = Temperatures below 0 °C can be read and the Sign bit will be set accordingly.
4:3
Temperature resolution
– 00 = 9 bit, 0.5 °C/LSB
– 01 = 10 bit, 0.25 °C/LSB - default resolution
– 10 = 11 bit, 0.125 °C/LSB
– 11 = 12 bit, 0.0625 °C/LSB
5
(VHV) high voltage support for A0 (pin 1)
– 1 =
STTS2004 supports a voltage up to 10 volts on the A0 pin - (default)
6
TMOUT - bus timeout support
– 1 = Default for STTS2004-SMBus compatible 25 ms - 35 ms
7
EVSD - EVENT behavior upon shutdown (default)
– 1 = The EVENT pin output is deasserted (not driven) when entering shutdown, and remains
deasserted upon exit from shutdown until the next thermal sample is taken, or possibly
sooner if EVENT is programmed for comparator mode. In interrupt mode, EVENT may or
may not be asserted when exiting shutdown if a pending interrupt has not been cleared.
15:8
Reserved
These values must be set to '0'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com