Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS2004 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STTS2004
Description  16 bytes Page Write within 5 ms
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2004 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STTS2004 Datasheet HTML 30Page - STMicroelectronics STTS2004 Datasheet HTML 31Page - STMicroelectronics STTS2004 Datasheet HTML 32Page - STMicroelectronics STTS2004 Datasheet HTML 33Page - STMicroelectronics STTS2004 Datasheet HTML 34Page - STMicroelectronics STTS2004 Datasheet HTML 35Page - STMicroelectronics STTS2004 Datasheet HTML 36Page - STMicroelectronics STTS2004 Datasheet HTML 37Page - STMicroelectronics STTS2004 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 58 page
background image
SPD EEPROM operation
STTS2004
34/58
DocID024229 Rev 3
code is received, the device only responds if the slave address is the same as the value on
the slave address (A0, A1, A2) inputs.
The 8th bit is the Read/Write bit (RW). This bit is set to 1 for Read and 0 for Write operations.
If a match occurs on the device select code, the corresponding device gives an
acknowledgment on serial data (SDA) during the 9th bit time. If the device does not match
the device select code, it deselects itself from the bus, and goes into standby mode. The
operating modes are detailed in Table 24.
5.4
Setting the write protection
There are four independent memory blocks, and each block may be independently
protected. The memory blocks are:
Block 0 = memory addresses 0x00 to 0x7F (decimal 0 to 127), page address = 0
Block 1 = memory addresses 0x80 to 0xFF (decimal 128 to 255), page address = 0
Block 2 = memory addresses 0x00 to 0x7F (decimal 0 to 127), page address = 1
Block 3 = memory addresses 0x80 to 0xFF (decimal 128 to 255), page address = 1
The device has three software commands for setting, clearing, or interrogating the write
protection status.
SWPn: Set Write Protection for block n
CWP: Clear Write Protection for all blocks
RPSn: Read Protection status for block n
The level of write protection (set or cleared), that has been defined using these instructions,
remains defined even after a power cycle.
The DTICs of the SWP, CWP, and RPS instructions are defined in Table 2.
5.4.1
Set and clear the write protection (SWPn and CWP)
If the software write protection has been set with the SWPn instruction, it may be cleared
again with a CWP instruction. SWPn acts on a single block as specified in the SWPn
command, but CWP clears the write protection for all blocks.
When decoded, SWPn and CWPn trigger a write cycle lasting tW (see Table 33).
The DTICs of the SWP and CWP instructions are defined in Table 2.
Table 24. Operating modes
Mode
RW bit
Bytes
Initial sequence
Current address read
1
1
START, device select, RW = 1
Random address read
0
1
START, device select, RW = 0, address
1
reSTART, device select, RW = 1
Sequential read
1
 1
Similar to current or random address read
Byte write
0
1
START, device select, RW = 0
Page write
0
16
START, device select, RW = 0
TS write
0
2
START, device select, R/W = 0, pointer data, stop
TS read
1
2
START, device select, R/W = 1, pointer data, stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com