Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS2004 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STTS2004
Description  16 bytes Page Write within 5 ms
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2004 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STTS2004 Datasheet HTML 17Page - STMicroelectronics STTS2004 Datasheet HTML 18Page - STMicroelectronics STTS2004 Datasheet HTML 19Page - STMicroelectronics STTS2004 Datasheet HTML 20Page - STMicroelectronics STTS2004 Datasheet HTML 21Page - STMicroelectronics STTS2004 Datasheet HTML 22Page - STMicroelectronics STTS2004 Datasheet HTML 23Page - STMicroelectronics STTS2004 Datasheet HTML 24Page - STMicroelectronics STTS2004 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
DocID024229 Rev 3
21/58
STTS2004
Temperature sensor registers
58
The temperature sensor configuration register holds the control and status bits of the
EVENT pin as well as general hysteresis on all limits. To avoid glitches on the EVENT
output pin, users should disable EVENT or CRITICAL functions prior to programming or
changing other device configuration settings.
Table 9. Configuration register format
Bit15
Bit14
Bit13
Bit12
Bit11
Bit10
Bit9
Bit8
RFU
RFU
RFU
RFU
RFU
Hysteresis
Hysteresis
Shutdown
mode
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Critical lock
bit
Alarm lock
bit
Clear event
Event output
status
Event output
control
Critical
event only
Event
polarity
Event
mode
Table 10. Configuration register bit definitions
Bit
Definition
0
Event mode
– 0 = Comparator output mode (this is the default).
– 1 = Interrupt mode; when either of the lock bits (bit6 or bit7) is set, this bit cannot be altered until it is
unlocked.
1
Event polarity(1)
The event polarity bit controls the active state of the EVENT pin. The EVENT pin is driven to this state
when it is asserted.
– 0 = Active-low (this is the default). Requires a pull-up resistor to set the inactive state of the open-drain
output. The power to the pull-up resistor should not be greater than VDD + 0.2 V. Active state is logical
“0”.
– 1 = Active-high. The active state of the pin is then logical “1”.
2
Critical event only
– 0 = Event output on alarm or critical temperature event (this is the default).
– 1 = Event only if the temperature is above the value in the critical temperature register (TA > TCRIT); when
the alarm window lock bit (bit6) is set, this bit cannot be altered until it is unlocked.
3
Event output control
– 0 = Event output disabled (this is the default).
– 1 = Event output enabled; when either of the lock bits (bit6 or bit7) is set, this bit cannot be altered until it
is unlocked.
4
Event status (read-only)(2)
– 0 = Event output condition is not being asserted by this device.
– 1 = Event output condition is being asserted by this device via the alarm window or critical trip event.
5
Clear event (write-only)(3)
– 0 = No effect.
– 1 = Clears the active event in interrupt mode. The pin is released and will not assert until a new interrupt
condition occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com