Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS2004 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STTS2004
Description  16 bytes Page Write within 5 ms
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2004 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STTS2004 Datasheet HTML 8Page - STMicroelectronics STTS2004 Datasheet HTML 9Page - STMicroelectronics STTS2004 Datasheet HTML 10Page - STMicroelectronics STTS2004 Datasheet HTML 11Page - STMicroelectronics STTS2004 Datasheet HTML 12Page - STMicroelectronics STTS2004 Datasheet HTML 13Page - STMicroelectronics STTS2004 Datasheet HTML 14Page - STMicroelectronics STTS2004 Datasheet HTML 15Page - STMicroelectronics STTS2004 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
Serial communications
STTS2004
12/58
DocID024229 Rev 3
2.2
Pin descriptions
2.2.1
A0, A1, A2
A2, A1, and A0 are selectable address pins for the 3 LSBs of the I2C interface address.
These inputs must be tied to VDD or GND as shown in Figure 3 to provide 8 unique address
selections. These pins are internally connected to the A2, A1, A0 (slave address inputs) of
the EEPROM.
Figure 3. Device select code
2.2.2
VSS (ground)
This is the reference for the power supply. It must be connected to system ground.
2.2.3
SDA (open drain)
This is the serial data input/output pin. SDA(out) is an open drain output that may be wire-
OR’ed with other open drain or open collector signals on the bus. A pull-up resistor must be
connected from Serial Data (SDA) to VDD. Figure 20 indicates how the value of the pull-up
resistor can be calculated.
2.2.4
SCL
This is the serial clock input pin.
2.2.5
EVENT (open drain)
This output pin is open drain and active-low. A pull-up resistor must be connected to this pin.
2.2.6
VDD (power)
This is the supply voltage pin, and ranges from 2.2 V to 3.6 V.
VDD
VDD
STTS2004
STTS2004
GND
GND
A(n)
A(n)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com