Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS2004 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STTS2004
Description  16 bytes Page Write within 5 ms
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2004 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STTS2004 Datasheet HTML 2Page - STMicroelectronics STTS2004 Datasheet HTML 3Page - STMicroelectronics STTS2004 Datasheet HTML 4Page - STMicroelectronics STTS2004 Datasheet HTML 5Page - STMicroelectronics STTS2004 Datasheet HTML 6Page - STMicroelectronics STTS2004 Datasheet HTML 7Page - STMicroelectronics STTS2004 Datasheet HTML 8Page - STMicroelectronics STTS2004 Datasheet HTML 9Page - STMicroelectronics STTS2004 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
Description
STTS2004
6/58
DocID024229 Rev 3
1
Description
The STTS2004 is targeted for DDR4 DIMM modules in servers, desktops, and mobile
personal computing platforms (laptops and other industrial applications). The thermal
sensor (TS) in the STTS2004 is compliant with the JEDEC specification TSE2004a2, which
defines memory module thermal sensor requirements for use in DRAM DIMMs (Dual Inline
Memory Modules) with Serial Presence Detect (SPD), in which all the information
concerning the DRAM module configuration (such as access speed, size, and organization)
can be kept write-protected in one or more of the blocks of memory. The 4-Kbit serial
EEPROM (SPD) in the STTS2004 is organized as two pages of 256 bytes each, or 512
bytes of total memory. Each page is comprised of two 128-byte blocks. The SPD is able to
selectively lock the data in any or all of the four 128-byte blocks. The STTS2004 can
interface to buses which have multiple devices on a shared bus, and each device has its
own unique address on this bus. The device can achieve substantial power savings by
using the software-programmed shutdown mode.
The TS-SPD EEPROM combination provides space as well as cost savings for mobile and
server platform dual inline memory modules (DIMM) manufacturers, as it is packaged in the
compact 2 mm x 3 mm 8-lead TDFN package with a thinner maximum height of 0.80 mm.
The DN package is compliant to JEDEC MO-229, variation W2030D.
The digital temperature sensor has a programmable 9-12 bit analog-to-digital converter
(ADC) which monitors and digitizes the temperature to a resolution of up to 0.0625 °C. The
default resolution is 0.25 °C/LSB (10-bit). The typical accuracies over these temperature
ranges are:
±2 °C over the full temperature measurement range of –20 °C to 125 °C
±1 °C in the +40 °C to +125 °C active temperature range, and
±0.5 °C in the +75 °C to +95 °C monitor temperature range
The temperature sensor in the STTS2004 is specified for operating at supply voltages from
2.2 V to 3.6 V. Operating at 3.3 V, the typical supply current is 160 μA (includes I2C
communication current).
The on-board sigma-delta ADC converts the measured temperature to a digital value that is
calibrated in °C. For Fahrenheit applications, a lookup table or conversion routine is
required. The STTS2004 is factory-calibrated and requires no external components to
measure temperature.
The digital temperature sensor component has user-programmable registers that provide
the capabilities for DIMM temperature-sensing applications. The open drain event output pin
is active when the monitoring temperature exceeds a programmable limit, or it falls above or
below an alarm window. The user has the option to set the event output as a critical
temperature output. This pin can be configured to operate in either a comparator mode for
thermostat operation or in interrupt mode.
The STTS2004 is protocol-compatible with the 2 Kbit SPD in the STTS2002 and uses a
page selection method which is applied to the lower or upper pages of the 4 Kbit SPD.
Unlike the STTS2002, the STTS2004 does not support the Permanently Set Write Protect
(PSWP) feature.
Locking a 128-byte block of the EEPROM is accomplished by using a software write
protection mechanism in conjunction with a high input voltage VHV on the A0 input pin. A
specific I2C sequence is used to protect each block from writes until write protection is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com