Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS2004 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STTS2004
Description  16 bytes Page Write within 5 ms
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2004 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STTS2004 Datasheet HTML 24Page - STMicroelectronics STTS2004 Datasheet HTML 25Page - STMicroelectronics STTS2004 Datasheet HTML 26Page - STMicroelectronics STTS2004 Datasheet HTML 27Page - STMicroelectronics STTS2004 Datasheet HTML 28Page - STMicroelectronics STTS2004 Datasheet HTML 29Page - STMicroelectronics STTS2004 Datasheet HTML 30Page - STMicroelectronics STTS2004 Datasheet HTML 31Page - STMicroelectronics STTS2004 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
Temperature sensor registers
STTS2004
28/58
DocID024229 Rev 3
4.4.1
Alarm window trip
The device provides a comparison window with an upper temperature trip point in the alarm
upper boundary register, and a lower trip point in the alarm lower boundary register. When
enabled, the event output will be triggered whenever entering or exiting (crossing above or
below) the alarm window.
4.4.2
Critical trip
The device can be programmed in such a way that the event output is only triggered when
the temperature exceeds the critical trip point. The critical temperature setting is
programmed in the critical temperature register. When the temperature sensor reaches the
critical temperature value in this register, the device is automatically placed in comparator
mode, which means that the critical event output cannot be cleared by using software to set
the clear event bit.
Table 16. Temperature trip point register format
P3
P2
P1
P0
Name
Register description
Width
(bits)
Type
(R/W)
Default state
(POR)
0
0
1
0
UPPER
Alarm temperature upper boundary
16
R/W
00 00
0
0
1
1
LOWER
Alarm temperature lower boundary
16
R/W
00 00
0
1
0
0
CRITICAL
Critical temperature
16
R/W
00 00
Table 17. Alarm temperature upper boundary register format
Sign
MSB
LSB(1)
Bit
15
Bit
14
Bit
13
Bit
12
Bit
11
Bit
10
Bit
9
Bit
8
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit(2)
1
Bit(3)
0
000
Alarm window upper boundary temperature
00
1. Bit 2 is LSB for default 10-bit mode.
2. Depending on status of the resolution register, bit 1 may display 0.125 °C value.
3. Depending on status of the resolution register, bit 0 may display 0.0625 °C value.
Table 18. Alarm temperature lower boundary register format
Sign
MSB
LSB(1)
Bit
15
Bit
14
Bit
13
Bit
12
Bit
11
Bit
10
Bit
9
Bit
8
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit(2)
1
Bit(3)
0
000
Alarm window lower boundary temperature
00
1. Bit 2 is LSB for default 10-bit mode.
2. Depending on status of the resolution register, bit 1 may display 0.125 °C value.
3. Depending on status of the resolution register, bit 0 may display 0.0625 °C value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com