Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS2004 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STTS2004
Description  16 bytes Page Write within 5 ms
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2004 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STTS2004 Datasheet HTML 26Page - STMicroelectronics STTS2004 Datasheet HTML 27Page - STMicroelectronics STTS2004 Datasheet HTML 28Page - STMicroelectronics STTS2004 Datasheet HTML 29Page - STMicroelectronics STTS2004 Datasheet HTML 30Page - STMicroelectronics STTS2004 Datasheet HTML 31Page - STMicroelectronics STTS2004 Datasheet HTML 32Page - STMicroelectronics STTS2004 Datasheet HTML 33Page - STMicroelectronics STTS2004 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
Temperature sensor registers
STTS2004
30/58
DocID024229 Rev 3
4.6
Device ID and device revision ID register (read-only)
The device IDs and device revision IDs are maintained in this register. The register format is
shown in Table 21. The device IDs and device revision IDs reflect the current device.
The current device ID and revision ID value is 2201 h.
4.7
Temperature resolution register (read/write)
With this register a user can program the temperature sensor resolution from 9-12 bits as
shown below. The power-on default is always 10 bit (0.25 °C/LSB). The selected resolution
is also reflected in bits (4:3) (TRES1:TRES0) of the capability register.
The default value is 01 for TRES register.
Table 21. Device ID and device revision ID register (read-only)
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
00100010
Device ID
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00000001
Device revision ID
Table 22. Temperature resolution register (TRES) (read/write)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
00000001
Resolution section register
Resolution bits
Table 23. TRES details
Resolution register bits
Bit1
Bit0
°C/LSB
Bits
Conversion time (max)
0
0
0.5
9
65 ms
0
1
0.25
10
125 ms (default)
1
0
0.125
11
250 ms
1
1
0.0625
12
500 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com