Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 231 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 231 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 227Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 228Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 229Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 230Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 231Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 232Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 233Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 234Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 235Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 245 page
background image
ST7LITE49K2
Device configuration and ordering information
231/245
Bit 1 = WDG SW Hardware or software watchdog
This option bit selects the watchdog type.
0: Hardware (watchdog always enabled)
1: Software (watchdog to be enabled by software)
Bit 0 = WDG HALT Watchdog Reset on Halt
This option bit determines if a Reset is generated when entering Halt mode while the
Watchdog is active.
0: No Reset generation when entering Halt mode
1: Reset generation when entering Halt mode
14.1.2
Option byte 0
OPT 7 = AWUCK Auto-wakeup clock selection
0: 32-kHz Oscillator (VLP) selected as AWU clock
1: AWU RC Oscillator selected as AWU clock.
Note:
If this bit is reset, OSCRANGE[2:0] must be set to 100.
OPT6:4 = OSCRANGE[2:0] Oscillator range
When the internal RC oscillator is not selected (CKSEL1=1), these option bits (and
CKSEL0) select the range of the resonator oscillator current source or the external
clock source.
OPT 3:2 = SEC[1:0] Sector 0 size definition
These option bits indicate the size of sector 0 according to Table 109.
Table 108.
Selection of the resonator oscillator range
OSCRANGE(1)
1.
When the internal RC oscillator is selected, the CLKSEL option bits must be kept at their default value in
order to select the 256 clock cycle delay (see Section 7.3).
21
0
Typ. frequency range
with Resonator
LP
1~2 MHz
0
0
0
MP
2~4 MHz
0
0
1
MS
4~8 MHz
0
1
0
HS
8~16 MHz
0
1
1
VLP
32.768 kHz
1
0
0
External Clock on OSC1/CLKIN
1
0
1
Reserved
1
1
0
External Clock on PB1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com