Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 227 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 227 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 223Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 224Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 225Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 226Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 227Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 228Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 229Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 230Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 231Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 245 page
background image
ST7LITE49K2
Electrical characteristics
227/245
Figure 124. Typical application with ADC
Table 100.
ADC accuracy with VDD = 3.3 to 5.5 V
Symbol
(1)
1.
Data based on characterization results over the whole temperature range.
Parameter
Conditions
Typ
Max
Unit
|ET|
Total unadjusted error
fCPU=8 MHz,
fADC=4 MHz
(1)
2.0
5.0
LSB
|EO|
Offset error
0.9
2.5
|EG|
Gain error
1.0
1.5
|ED|
Differential linearity error
1.2
3.5
|EL|
Integral linearity error
1.1
4.5
Table 101.
ADC accuracy with VDD = 2.7 to 3.3 V
Symbol
(1)
1.
Data based on characterization results over the whole temperature range.
Parameter
Conditions
Typ
Max
Unit
|ET|
Total unadjusted error
fCPU= 4 MHz,
fADC= 2 MHz
(1)
1.9
3.0
LSB
|EO|
Offset error
0.9
1.5
|EG|
Gain error
0.8
1.4
|ED|
Differential linearity error
1.4
2.5
|EL|
Integral linearity error
1.1
2.5
Table 102.
ADC accuracy with VDD = 2.4 to 2.7 V
Symbol
(1)
1.
Data based on characterization results at ambient temperature and above.
Parameter
Conditions
Typ
Max
Unit
|ET|
Total unadjusted error
fCPU= 2 MHz,
fADC=1 MHz
(1)
2.5
3.5
LSB
|EO|
Offset error
1.1
1.5
|EG|
Gain error
0.5
1.5
|ED|
Differential linearity error
1.1
2.5
|EL|
Integral linearity error
1.2
2.5
AINx
ST7xxx
VDD
IL
±1
μA
VT
0.6 V
VT
0.6 V
CADC
VAIN
RAIN
10-Bit A/D
Conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com