Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 225 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 225 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 221Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 222Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 223Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 224Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 225Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 226Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 227Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 228Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 229Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 245 page
background image
ST7LITE49K2
Electrical characteristics
225/245
Figure 122. RESET pin protection when LVD is enabled
1.
The reset network protects the device against parasitic resets. The output of the external reset circuit must
have an open-drain output to drive the ST7 reset pad. Otherwise the device can be damaged when the
ST7 generates an internal reset (LVD or watchdog). Whatever the reset source is (internal or external), the
user must ensure that the level on the RESET pin can go below the VIL max. level specified in
Section 13.10.1 on page 224. Otherwise the reset will not be taken into account internally. Because the
reset circuit is designed to allow the internal Reset to be output in the RESET pin, the user must ensure
that the current sunk on the RESET pin is less than the absolute maximum value specified for IINJ(RESET) in
Section Table 70. on page 194.
2.
When the LVD is enabled, it is recommended not to connect a pull-up resistor or capacitor. A 10nF pull-
down capacitor is required to filter noise on the reset line.
3.
In case a capacitive power supply is used, it is recommended to connect a 1M
Ω pull-down resistor to the
RESET pin to discharge any residual voltage induced by the capacitive effect of the power supply (this will
add 5µA to the power consumption of the MCU).
Tips when using the LVD
Check that all recommendations related to ICCCLK and reset circuit have been applied
(see caution in Table 2 on page 18 and notes above).
Check that the power supply is properly decoupled (100 nF + 10 µF close to the MCU).
Refer to AN1709 and AN2017. If this cannot be done, it is recommended to put a
100 nF + 1 M
Ω pull-down on the RESET pin.
The capacitors connected on the RESET pin and also the power supply are key to
avoid any start-up marginality. In most cases, steps 1 and 2 above are sufficient for a
robust solution. Otherwise: replace 10 nF pull-down on the RESET pin with a 5 µF to
20 µF capacitor.”
0.01
μF
ST7xxx
PULSE
GENERATOR
Filter
RON
VDD
INTERNAL
RESET
RESET
EXTERNAL
Required
1M
Ω
Optional
(note 3)
WATCHDOG
LVD RESET
ILLEGAL OPCODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com