Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 224 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 224 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 220Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 221Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 222Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 223Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 224Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 225Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 226Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 227Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 228Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 245 page
background image
Electrical characteristics
ST7LITE49K2
224/245
13.10
Control pin characteristics
13.10.1
Asynchronous RESET pin
TA = -40 to 125 °C, unless otherwise specified.
Table 98.
Asynchronous RESET pin characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage
VSS - 0.3
0.3VDD
V
VIH
Input high level voltage
0.7VDD
VDD+0.3
Vhys
Schmitt trigger voltage hysteresis(1)
2V
VOL
Output low level voltage (2)
VDD= 5 V
IIO = +2 mA
200
mV
RON
Pull-up equivalent resistor(3)
VIN=VSS
VDD = 5 V
305070
k
Ω
VDD = 3 V
90(1)
tw(RSTL)out
Generated reset pulse duration
Internal reset sources
90(1)
μs
th(RSTL)in
External reset pulse hold time(4)
20
μs
tg(RSTL)in
Filtered glitch duration
200
ns
1.
Data based on characterization results, not tested in production
2.
The IIO current sunk must always respect the absolute maximum rating specified in Section Table 70. on page 194 and the
sum of IIO (I/O ports and control pins) must not exceed IVSS.
3.
The RON pull-up equivalent resistor is based on a resistive transistor. Specified for voltages on RESET pin between VILmax
and VDD
4.
To guarantee the reset of the device, a minimum pulse has to be applied to the RESET pin. All short pulses applied on
RESET pin with a duration below th(RSTL)in can be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com