Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 226 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 226 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 222Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 223Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 224Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 225Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 226Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 227Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 228Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 229Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 230Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 245 page
background image
Electrical characteristics
ST7LITE49K2
226/245
Figure 123. RESET pin protection when LVD is disabled
1.
The reset network protects the device against parasitic resets.
The output of the external reset circuit must have an open-drain output to drive the ST7 reset pad.
Otherwise the device can be damaged when the ST7 generates an internal reset (LVD or watchdog).
Whatever the reset source is (internal or external), the user must ensure that the level on the RESET pin
can go below the VIL max. level specified in Section 13.10.1 on page 224. Otherwise the reset will not be
taken into account internally.
Because the reset circuit is designed to allow the internal Reset to be output in the RESET pin, the user
must ensure that the current sunk on the RESET pin is less than the absolute maximum value specified for
IINJ(RESET) in Section Table 70. on page 194.
2.
Please refer to Section 12.2.1 on page 189 for more details on illegal opcode reset conditions.
13.11
10-bit ADC characteristics
Subject to general operating condition for VDD, fOSC, and TA unless otherwise specified.
0.01
μF
EXTERNAL
RESET
CIRCUIT
USER
Required
ST7XXX
PULSE
GENERATOR
Filter
RON
VDD
INTERNAL
RESET
WATCHDOG
ILLEGAL OPCODE
Table 99.
ADC characteristics
Symbol
Parameter
Conditions
Min
Typ(1)
Max
Unit
fADC
ADC clock frequency(2)
4MHz
VAIN
Conversion voltage range
VSSA
VDDA
V
RAIN
External input resistor
VDD = 5 V, fADC = 4 MHz
8k(3)
Ω
VDD = 3.3 V, fADC = 4 MHz
7k(3)
2.7 V
≤VDD ≤5.5 V, f
ADC = 2 MHz
10k(3)
2.4 V
≤VDD ≤2.7 V, f
ADC = 1 MHz
20k(3)
CADC
Internal sample and hold
capacitor
6pF
tSTAB
Stabilization time after ADC
enable
f
CPU = 8 MHz, fADC = 4 MHz
0(4)
μs
tADC
Conversion time (Sample+Hold)
3.5
- Sample capacitor loading time
- Hold conversion time
4
10
1/fADC
1.
Unless otherwise specified, typical data are based on TA = 25 °C and VDD-VSS = 5 V. They are given only as design
guidelines and are not tested.
2.
The maximum ADC clock frequency allowed within VDD = 2.4 V to 2.7 V operating range is 1 MHz.
3.
Any added external serial resistor will downgrade the ADC accuracy (especially for resistance greater than the maximum
value). Data guaranteed by Design, not tested in production.
4.
The stabilization time of the A/D converter is masked by the first tLOAD. The first conversion after the enable is then always
valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com