Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 230 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 230 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 226Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 227Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 228Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 229Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 230Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 231Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 232Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 233Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 234Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 245 page
background image
Device configuration and ordering information
ST7LITE49K2
230/245
14
Device configuration and ordering information
This device is available for production in user programmable version (Flash).
ST7LITE49K2 XFlash devices are shipped to customers with a default program memory
content (FFh).
14.1
Option bytes
The two option bytes allow the hardware configuration of the microcontroller to be selected.
The option bytes can be accessed only in programming mode (for example using a standard
ST7 programming tool).
14.1.1
Option byte 1
Bits 7:6 = CKSEL[1:0] Start-up clock selection.
These bits are used to select the startup frequency. By default, the internal RC is
selected.
Bit 5 = Reserved, must always be 1.
Bit 4 = PLL32OFF 32 MHz PLL disabled.
0: PLL32 enabled
1: PLL32 disabled (by-passed). By default the PLL32 is disabled.
Bits 3:2 = LVD[1:0] Low voltage detection selection.
These option bits enable the low voltage detection block (LVD) with a selected
threshold as shown in Table 107.
Table 106.
Startup clock selection
Configuration
CKSEL1
CKSEL0
Internal RC as startup clock
0
0
AWU RC as a startup clock
0
1
External crystal/ceramic resonator
1
0
External clock
1
1
Table 107.
LVD threshold configuration
Configuration
VD1
VD0
LVD Off (default value)
1
1
Highest voltage threshold
1
0
Medium voltage threshold
0
1
Lowest voltage threshold
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com