Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 121 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 121 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 117Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 118Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 119Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 120Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 121Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 122Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 123Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 124Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 125Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 224 page
background image
Rev. 1.00
1�0
De�e��e� �1� �01�
Rev. 1.00
1�1
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
Analog to Digital Converter
Theneedtointerfacetorealworldanalogsignalsisacommonrequirementformanyelectronic
systems.However,toproperlyprocessthesesignalsbyamicrocontroller,theymustfirstbe
convertedintodigitalsignalsbyA/Dconverters.ByintegratingtheA/Dconversionelectronic
circuitryintothemicrocontroller,theneedforexternalcomponentsisreducedsignificantlywiththe
correspondingfollow-onbenefitsoflowercostsandreducedcomponentspacerequirements.
A/D Converter Overview
Thesedevicescontainamulti-channelanalogtodigitalconverterwhichcandirectlyinterfaceto
externalanalogsignals,suchasthatfromsensorsorothercontrolsignalsandconvertthesesignals
directlyintoa12-bitdigitalvalue.Italsocanconverttheinternalsignals,thehighperformance
bandgapreferencevoltageVBGREF,theSDoperationalamplifier0outputsignalOPA0Oandthe
SDoperationalamplifier1outputsignalOPA1O,intoa12-bitdigitalvalue.Theexternalor
internalanalogsignaltobeconvertedisdeterminedbytheSAINS2~SAINS0bitstogetherwiththe
SACS3~SACS0bits.MoredetailedinformationabouttheA/Dinputsignalisdescribedinthe"A/D
ConverterControlRegisters"and"A/DConverterInputSignals"sections.
Device
External Input Channels
Internal Signals
Channel Select Bits
HT��F4530
5: AN0~AN4
3: VBGREF� OPA0O� OPA1O
SAINS�~SAINS0�
SACS3~SACS0
HT��F4540
8: AN0~AN7
HT��F4550
8: AN0~AN7
TheaccompanyingblockdiagramshowstheoverallinternalstructureoftheA/Dconverter,together
withitsassociatedregisters.
Pin-shared
Selection
SACS3~SACS0
SAINS2~SAINS0
A/D Converter
START ADBZ ADCEN
AVSS
÷2N
(N=0~7)
fSYS
SACKS2~SACKS0
AVDD
AVDD
SAVRS1~SAVRS0
ADCEN
A/D Reference Voltage
A/D Data
Registers
ADRFS
VBGREF
GND
SADOL
SADOH
A/D Clock
OPA0O
OPA1O
VREF
Pin-shared
Selection
AN0
AN7
AN1
A/D Converter Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com