Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 125 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 125 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 121Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 122Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 123Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 124Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 125Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 126Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 127Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 128Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 129Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 224 page
background image
Rev. 1.00
1�4
De�e��e� �1� �01�
Rev. 1.00
1�5
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
Bit2~0
SACKS2~SACKS0:A/Dconversionclocksourceselect
000:fSYS
001:fSYS/2
010:fSYS/4
011:fSYS/8
100:fSYS/16
101:fSYS/32
110:fSYS/64
111:fSYS/128
ThesethreebitsareusedtoselecttheclocksourcefortheA/Dconverter.
A/D Converter Operation
TheSTARTbitintheSADC0registerisusedtostarttheADconversion.Whenthemicrocontrollersets
thisbitfromlowtohighandthenlowagain,ananalogtodigitalconversioncyclewillbeinitiated.
TheADBZbitintheSADC0registerisusedtoindicatewhethertheanalogtodigitalconversion
processisinprogressornot.Thisbitwillbeautomaticallysetto1bythemicrocontrollerafteran
A/Dconversionissuccessfullyinitiated.WhentheA/Dconversioniscomplete,theADBZwillbe
clearedto0.Inaddition,thecorrespondingA/Dinterruptrequestflagwillbesetintheinterrupt
controlregister,andiftheinterruptsareenabled,anappropriateinternalinterruptsignalwillbe
generated.ThisA/DinternalinterruptsignalwilldirecttheprogramflowtotheassociatedA/D
internalinterruptaddressforprocessing.IftheA/Dinternalinterruptisdisabled,themicrocontroller
canpolltheADBZbitintheSADC0registertocheckwhetherithasbeenclearedasanalternative
methodofdetectingtheendofanA/Dconversioncycle.
TheclocksourcefortheA/Dconverter,whichoriginatesfromthesystemclockfSYS,canbechosen
tobeeitherfSYSorasubdividedversionoffSYS.Thedivisionratiovalueisdeterminedbythe
SACKS2~SACKS0bitsintheSADC1register.AlthoughtheA/Dclocksourceisdeterminedbythe
systemclockfSYSandbybitsSACKS2~SACKS0,therearesomelimitationsonthemaximumA/D
clocksourcespeedthatcanbeselected.AstherecommendedrangeofpermissibleA/Dclockperiod,
tADCK,isfrom0.5μsto10μs,caremustbetakenforsystemclockfrequencies.Forexample,asthe
systemclockoperatesatafrequencyof8MHz,theSACKS2~SACKS0bitsshouldnotbesetto000,
001or111.DoingsowillgiveA/DclockperiodsthatarelessthantheminimumA/Dclockperiod
whichmayresultininaccurateA/Dconversionvalues.Refertothefollowingtableforexamples,
wherevaluesmarkedwithanasterisk*showwhere,dependinguponthesedevices,specialcare
mustbetaken,asthevaluesmaybelessorlargerthanthespecifiedminimumA/DClockPeriod.
fSYS
A/D Clock Period (tADCK)
SACKS
[2:0]=000
(fSYS)
SACKS
[2:0]=001
(fSYS/2)
SACKS
[2:0]=010
(fSYS/4)
SACKS
[2:0]=011
(fSYS/8)
SACKS
[2:0]=100
(fSYS/16)
SACKS
[2:0]=101
(fSYS/32)
SACKS
[2:0]=110
(fSYS/64)
SACKS
[2:0]=111
(fSYS/128)
1MHz
1μs
2μs
4μs
8μs
16μs *
32μs *
64μs *
128μs *
�MHz
500ns
1μs
2μs
4μs
8μs
16μs *
32μs *
64μs *
4MHz
�50ns *
500ns
1μs
2μs
4μs
8μs
16μs *
32μs *
8MHz
1�5ns *
�50ns *
500ns
1μs
2μs
4μs
8μs
16μs *
1�MHz
83ns *
1�7ns *
333ns *
��7ns
1.33μs
2.67μs
5.33μs
10.67μs*
A/D Clock Period Examples
Controllingthepoweron/offfunctionoftheA/Dconvertercircuitryisimplementedusingthe
ADCENbitintheSADC0register.ThisbitmustbesethightopowerontheA/Dconverter.When
theADCENbitissethightopowerontheA/Dconverterinternalcircuitryacertaindelay,as
indicatedinthetimingdiagram,mustbeallowedbeforeanA/Dconversionisinitiated.Evenif
nopinsareselectedforuseasA/Dinputs,iftheADCENbitishigh,thensomepowerwillstillbe
consumed.InpowerconsciousapplicationsitisthereforerecommendedthattheADCENissetlow
toreducepowerconsumptionwhentheA/Dconverterfunctionisnotbeingused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com