Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 127 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 127 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 123Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 124Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 125Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 126Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 127Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 128Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 129Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 130Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 131Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 224 page
background image
Rev. 1.00
1��
De�e��e� �1� �01�
Rev. 1.00
1�7
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
SAINS[2:0]
SACS[3:0] Input Signals
Description
000� 101~111
0000~0111
AN0~AN7
Exte�nal pin analog input
1000~1111
—
Non-existed channel, input is floating.
001
1000~1111
VBGREF
Inte�nal high pe�fo��an�e Bandgap �efe�en�e voltage
010
1000~1111
OPA0O
Internal SD operational amplifier 0 output signal
011
1000~1111
OPA1O
Internal SD operational amplifier 1 output signal
100
1000~1111
GND
Unused� �onne�ted to g�ound
A/D Converter Input Signal Selection – HT66F4540/HT66F4550
VBGRC Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
—
—
—
—
—
—
VBGREN
R/W
—
—
—
—
—
—
—
R/W
POR
—
—
—
—
—
—
—
0
Bit7~1
Unimplemented,readas"0"
Bit0
VBGREN:Bandgapenableordisablecontrol
0:Disable
1:Enable
WhentheVBGRENbitisclearedtozero,theVBGREFisinahighimpedancestate.
Conversion Rate and Timing Diagram
AcompleteA/Dconversioncontainstwoparts,datasamplinganddataconversion.Thedata
samplingwhichisdefinedastADStakes4A/Dclockcyclesandthedataconversiontakes12A/D
clockcycles.Thereforeatotalof16A/DclockcyclesforanexternalinputA/Dconversionwhichis
definedastADCarenecessary.
MaximumsingleA/Dconversionrate=A/Dclockperiod/16
Theaccompanyingdiagramshowsgraphicallythevariousstagesinvolvedinananalogtodigital
conversionprocessanditsassociatedtiming.AfteranA/Dconversionprocesshasbeeninitiated
bytheapplicationprogram,themicrocontrollerinternalhardwarewillbegintocarryoutthe
conversion,duringwhichtimetheprogramcancontinuewithotherfunctions.Thetimetakenforthe
A/Dconversionis16tADCKclockcycleswheretADCKisequaltotheA/Dclockperiod.
ADCEN
START
ADBZ
SACS[3:0]
(SAINS[�:0]=000)
off
on
off
on
tON�ST
tADS
A/D sa�pling ti�e
tADS
A/D sa�pling ti�e
Sta�t of A/D �onve�sion
Sta�t of A/D �onve�sion
Sta�t of A/D �onve�sion
End of A/D
�onve�sion
End of A/D
�onve�sion
tADC
A/D �onve�sion ti�e
tADC
A/D �onve�sion ti�e
tADC
A/D �onve�sion ti�e
0011B
0010B
0000B
0001B
A/D �hannel
swit�h
A/D Conversion Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com