Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 124 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 124 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 120Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 121Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 122Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 123Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 124Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 125Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 126Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 127Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 128Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 224 page
background image
Rev. 1.00
1�4
De�e��e� �1� �01�
Rev. 1.00
1�5
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
Bit5
ADCEN:A/Dconverterfunctionenablecontrol
0:Disable
1:Enable
ThisbitcontrolstheA/Dinternalfunction.Thisbitshouldbesettoonetoenable
theA/Dconverter.Ifthebitissetlow,thentheA/Dconverterwillbeswitchedoff
reducingthesedevicespowerconsumption.WhentheA/Dconverterfunctionis
disabled,thecontentsoftheA/DdataregisterpairknownasSADOHandSADOL
willbeunchanged.
Bit4
ADRFS:A/Dconverterdataformatselect
0:A/Dconverterdataformat→SADOH=D[11:4];SADOL=D[3:0]
1:A/Dconverterdataformat→SADOH=D[11:8];SADOL=D[7:0]
Thisbitcontrolstheformatofthe12-bitconvertedA/DvalueinthetwoA/Ddata
registers.DetailsareprovidedintheA/Ddataregistersection.
Bit3~0
SACS3~SACS0:A/Dconverterexternalanalogchannelinputselect
0000:AN0
0001:AN1
0010:AN2
0011:AN3
0100:AN4
0101:AN5
0110:AN6
0111:AN7
1000~1111:Non-existedchannel,theinputwillbefloatingifselected
• SADC1 Register
Bit
7
6
5
4
3
2
1
0
Na�e
SAINS�
SAINS1
SAINS0 SAVRS1 SAVRS0 SACKS� SACKS1 SACKS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~5
SAINS2~SAINS0:A/Dconverterinputsignalselect
000:Externalinput–Externalanalogchannelinput
001:Internalinput–Internalhighperformancebandgapreferencevoltage,VBGREF
010:Internalinput–InternalSDoperationalamplifier0outputsignal,OPA0O
011:Internalinput–InternalSDoperationalamplifier1outputsignal,OPA1O
100:Internalinput–Unused,connectedtoground
101~111:Externalinput–Externalanalogchannelinput
CaremustbetakeniftheSAINS2~SAINS0bitsaresetfrom"001"to"100"toselect
theinternalanalogsignaltobeconverted.Whentheinternalanalogsignalisselected
tobeconverted,theexternalinputpinmustneverbeselectedastheA/Dinputsignal
byproperlysettingtheSACS3~SACS0bits.Otherwise,theexternalchannelinputwill
beconnectedtogetherwiththeinternalanalogsignal.Thiswillresultinunpredictable
situationssuchasanirreversibledamage.
Bit4~3
SAVRS1~SAVRS0:A/Dconverterreferencevoltageselect
00:VREFpin
01:InternalA/Dconverterpower,AVDD
1x:VREFpin
ThesebitsareusedtoselecttheA/Dconverterreferencevoltage.Caremustbetaken
iftheSAVRS1~SAVRS0bitsaresetto"01"toselecttheinternalA/Dconverterpower
asthereferencevoltagesource.WhentheinternalA/Dconverterpowerisselected
asthereferencevoltage,theVREFpincannotbeconfiguredasthereferencevoltage
inputbyproperlyconfiguringthecorrespondingpin-sharedfunctioncontrolbits.
Otherwise,theexternalinputvoltageonVREFpinwillbeconnectedtotheinternalA/D
converterpower.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com