Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 166 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 166 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 162Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 163Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 164Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 165Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 166Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 167Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 168Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 169Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 170Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 224 page
background image
Rev. 1.00
1��
De�e��e� �1� �01�
Rev. 1.00
1�7
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
Control Registers
Overall operation of the analog circuits is controlled using a series of registers. The
SDSW0~SDSW1registersareusedtocontroltheswitchonoroffandSDComparatorninverting
terminalconnection.TheSDDAC0C~SDDAC2CregistersareusedtocontroltheSDDACnenable/
disablefunction.TheSDDA0L~SDDA2LregistersareusedtocontroltheSDDACnoutputvoltage.
TheSDPAGCregisterisusedtocontrolthePGAR2/R1rateandSDComparatornoutputpolarity.
TheSDA0C~SDA1CregistersareusedtocontroltheSDOPAnenable/disableandbandwidth
functionsaswellasindicatetheiroutputstatus.TheSDA0VOS~SDA1VOSregistersareused
tocontroltheSDOPAninputoffsetvoltagecalibrationfunction.TheSDC0C~SDC1Cregisters
areusedtocontroltheSDComparatornenable/disableanddebouncetimeaswellasindicate
theiroutputstatus.TheSDC0VOS~SDC1VOSareusedtocontroltheSDComparatorninput
offsetvoltagecalibrationfunction.TheSDCHYCregisterisusedtocontroltheSDComparatorn
hysteresisfunction.
Register
Name
Bit
7
6
5
4
3
2
1
0
SDSW0
SDS7
SDS�
SDS5
SDS4
SDS3
SDS�
SDS1
SDS0
SDSW1
—
—
—
SDS1�
SDS11
SDS10
SDS9
SDS8
SDDAC0C
SDDAC0EN
—
—
—
—
—
—
—
SDDAC1C
SDDAC1EN
—
—
—
—
—
—
—
SDDAC�C
SDDAC�EN
—
—
—
—
—
—
—
SDDA0L
D7
D�
D5
D4
D3
D�
D1
D0
SDDA1L
D7
D�
D5
D4
D3
D�
D1
D0
SDDA�L
D7
D�
D5
D4
D3
D�
D1
D0
SDPGAC
SDC0POL
SDC1POL
—
—
—
SDPGA�
SDPGA1
SDPGA0
SDA0C
—
SDA0EN
SDA0O
—
—
—
SDA0BW1
SDA0BW0
SDA1C
—
SDA1EN
SDA1O
—
—
—
SDA1BW1
SDA1BW0
SDA0VOS
SDA0OFM
SDA0RSP
SDA0OF5
SDA0OF4
SDA0OF3
SDA0OF�
SDA0OF1
SDA0OF0
SDA1VOS
SDA1OFM
SDA1RSP
SDA1OF5
SDA1OF4
SDA1OF3
SDA1OF�
SDA1OF1
SDA1OF0
SDC0C
SDC0OUT
SDC0EN
SDC0O
—
SDC0DEB1
SDC0DEB0
SDC0IS1
SDC0IS0
SDC1C
SDC1OUT
SDC1EN
SDC1O
—
SDC1DEB1
SDC1DEB0
SDC1IS1
SDC1IS0
SDC0VOS
—
SDC0OFM
SDC0RSP
SDC0OF4
SDC0OF3
SDC0OF�
SDC0OF1
SDC0OF0
SDC1VOS
—
SDC1OFM
SDC1RSP
SDC1OF4
SDC1OF3
SDC1OF�
SDC1OF1
SDC1OF0
SDCHYC
—
—
—
—
SDC1HYS1
SDC1HYS0
SDC0HYS1
SDC0HYS0
Analog Function Control Registers List
SDSW0 Register
Bit
7
6
5
4
3
2
1
0
Na�e
SDS7
SDS�
SDS5
SDS4
SDS3
SDS�
SDS1
SDS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7
SDS7:Switchonoroffcontrol
0:Off
1:On
Bit6
SDS6:Switchonoroffcontrol
0:Off
1:On
Bit5
SDS5:Switchonoroffcontrol
0:Off
1:On
Bit4
SDS4:Switchonoroffcontrol
0:Off
1:On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com