Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 167 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 167 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 163Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 164Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 165Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 166Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 167Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 168Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 169Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 170Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 171Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 224 page
background image
Rev. 1.00
1��
De�e��e� �1� �01�
Rev. 1.00
1�7
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
Bit3
SDS3:Switchonoroffcontrol
0:Off
1:On
Bit2
SDS2:Switchonoroffcontrol
0:Off
1:On
Bit1
SDS1:Switchonoroffcontrol
0:Off
1:On
Bit0
SDS0:Switchonoroffcontrol
0:Off
1:On
SDSW1 Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
—
—
SDS1�
SDS11
SDS10
SDS9
SDS8
R/W
—
—
—
R/W
R/W
R/W
R/W
R/W
POR
—
—
—
0
0
0
0
0
Bit7~5
Unimplemented,readas"0"
Bit4
SDS12:SDComparator1invertingterminalconnectselection
0:ConnecttoSDDAC2
1:ConnecttoC1NI
Bit3
SDS11:SDComparator0invertingterminalconnectselection
0:ConnecttoSDDAC1
1:ConnecttoC0NI
Bit2
SDS10:Switchonoroffcontrol
0:Off
1:On
Bit1
SDS9:Switchonoroffcontrol
0:Off
1:On
Bit0
SDS8:Switchonoroffcontrol
0:Off
1:On
SDDAC0C Register
Bit
7
6
5
4
3
2
1
0
Na�e
SDDAC0EN
—
—
—
—
—
—
—
R/W
R/W
—
—
—
—
—
—
—
POR
0
—
—
—
—
—
—
—
Bit7
SDDAC0EN:SDDAC0enableordisablecontrol
0:Disable
1:Enable
Bit6~0
Unimplemented,readas"0"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com