Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 171 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 171 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 167Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 168Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 169Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 170Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 171Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 172Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 173Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 174Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 175Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 224 page
background image
Rev. 1.00
170
De�e��e� �1� �01�
Rev. 1.00
171
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
SDA1VOS Register
Bit
7
6
5
4
3
2
1
0
Na�e SDA1OFM SDA1RSP SDA1OF5 SDA1OF4 SDA1OF3 SDA1OF� SDA1OF1 SDA1OF0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
1
0
0
0
0
0
Bit7
SDA1OFM:SDOPA1normaloperationorinputoffsetvoltagecancellationmode
selection
0:Normaloperation
1:Offsetcalibrationmode
Bit6
SDA1RSP:SDOPA1inputoffsetvoltagecalibrationreferenceselection
0:InputreferencevoltagecomesfromA1NI
1:InputreferencevoltagecomesfromA1PI
Bit5~0
SDA1OF5~SDA1OF0:SDOPA1inputoffsetvoltagecalibrationcontrol
This6-bitfieldisusedtoperformtheoperationalamplifierinputoffsetCalibration
operationandthevaluefortheSDOPA1inputoffsetCalibrationcanberestoredinto
thisbitfield.Moredetailedinformationisdescribedinthe"OperationalAmplifier
InputOffsetCalibration"section.
SDC0C Register
Bit
7
6
5
4
3
2
1
0
Na�e
SDC0OUT SDC0EN SDC0O
—
SDC0DEB1 SDC0DEB0 SDC0IS1 SDC0IS0
R/W
R
R/W
R
—
R/W
R/W
R/W
R/W
POR
0
0
0
—
0
0
0
0
Bit7
SDC0OUT:SDComparator0outputbit
IfSDC0POL=0,
0:C0NI>C0PI
1:C0PI>C0NI
IfSDC0POL=1,
0:C0NI<C0PI
1:C0PI<C0NI
ThisbitstorestheSDComparator0outputbit.Thepolarityofthebitisdeterminedby
thevoltagesontheSDComparator0inputsandbytheconditionoftheSDC0POLbit.
Bit6
SDC0EN:SDComparator0enableordisablecontrol
0:Comparatordisable
1:Comparatorenable
ThisistheSDComparator0on/offcontrolbit.TheSDComparator0outputwill
besetlowwhenthisbitisclearedtozero.Therefore,setSDC0OUT=0when
SDC0POL=0,orsetSDC0OUT=1whenSDC0POL=1.
Bit5
SDC0O:SDComparator0debounceoutput
TheSDC0Oisde-bounceversionofSDC0OUT
IfSDC0POL=0,TheSDC0Ooutputs"1"onlywhenthecurrentandpreviousN
samplesofSDC0OUTare"1".IfSDC0POL=1,TheSDC0Ooutputs"0"onlywhen
thecurrentandpreviousNsamplesofSDC0OUTare"0".Nsamplesisdependon
SDC0DEB[1:0]configurationbits.
Bit4
Unimplemented,readas"0"
Bit3~2
SDC0DEB1~SDC0DEB0:SDComparator0debouncetimecontrol
00:Nodebounce
01:(31~32)×1/fSYS
10:(63~64)×1/fSYS
11:(126~127)×1/fSYS
Bit1~0
SDC0IS1~SDC0IS0:SDComparator0currentcontrol
RefertoComparatorcharacteristicfordetails.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com