Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 172 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 172 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 168Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 169Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 170Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 171Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 172Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 173Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 174Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 175Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 176Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 224 page
background image
Rev. 1.00
17�
De�e��e� �1� �01�
Rev. 1.00
173
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
SDC1C Register
Bit
7
6
5
4
3
2
1
0
Na�e
SDC1OUT SDC1EN SDC1O
—
SDC1DEB1 SDC1DEB0 SDC1IS1 SDC1IS0
R/W
R
R/W
R
—
R/W
R/W
R/W
R/W
POR
0
0
0
—
0
0
0
0
Bit7
SDC1OUT:SDComparator1outputbit
IfSDC1POL=0,
0:C1NI>C1PI
1:C1PI>C1NI
IfSDC1POL=1,
0:C1NI<C1PI
1:C1PI<C1NI
ThisbitstorestheSDComparator1outputbit.Thepolarityofthebitisdeterminedby
thevoltagesontheSDComparator1inputsandbytheconditionoftheSDC1POLbit.
Bit6
SDC1EN:SDComparator1enableordisablecontrol
0:Comparatordisable
1:Comparatorenable
ThisistheSDComparator1on/offcontrolbit.TheSDComparator1outputwill
besetlowwhenthisbitisclearedtozero.Therefore,setSDC1OUT=0when
SDC1POL=0,orsetSDC1OUT=1whenSDC1POL=1.
Bit5
SDC1O:SDComparator1debounceoutput
TheSDC1Oisde-bounceversionofSDC1OUT.
IfSDC1POL=0,theSDC1Ooutputs"1"onlywhenthecurrentandpreviousN
samplesofSDC1OUTare"1".IfSDC1POL=1,theSDC1Ooutputs"0"onlywhen
thecurrentandpreviousNsamplesofSDC1OUTare"0".Nsamplesisdependon
SDC1DEB[1:0]configurationbits.
Bit4
Unimplemented,readas"0"
Bit3~2
SDC1DEB1~SDC1DEB0:SDComparator1debouncetimecontrol
00:Nodebounce
01:(31~32)×1/fSYS
10:(63~64)×1/fSYS
11:(126~127)×1/fSYS
Bit1~0
SDC1IS1~SDC1IS0:SDComparator1currentcontrol
RefertoComparatorcharacteristicfordetails.
SDC0VOS Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
SDC0OFM SDC0RSP SDC0OF4 SDC0OF3 SDC0OF� SDC0OF1 SDC0OF0
R/W
—
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
0
0
1
0
0
0
0
Bit7
Unimplemented,readas"0"
Bit6
SDC0OFM:SDComparator0normaloperationorinputoffsetvoltagecancellation
modeselection
0:Normaloperation
1:Offsetcalibrationmode
Bit5
SDC0RSP:SDComparator0inputoffsetvoltagecalibrationreferenceselection
0:InputreferencevoltagecomesfromC0NI
1:InputreferencevoltagecomesfromC0PI
Bit4~0
SDC0OF4~SDC0OF0:SDComparator0inputoffsetvoltagecalibrationcontrol
This5-bitfieldisusedtoperformthecomparatorinputoffsetcalibrationoperation
andthevaluefortheSDComparator0inputoffsetcalibrationcanberestoredinto
thisbitfield.Moredetailedinformationisdescribedinthe"ComparatorInputOffset
Calibration"section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com