Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 169 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 169 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 165Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 166Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 167Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 168Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 169Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 170Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 171Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 172Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 173Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 224 page
background image
Rev. 1.00
1�8
De�e��e� �1� �01�
Rev. 1.00
1�9
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
SDPGAC Register
Bit
7
6
5
4
3
2
1
0
Na�e
SDC0POL SDC1POL
—
—
—
SDPGA� SDPGA1 SDPGA0
R/W
R/W
R/W
—
—
—
R/W
R/W
R/W
POR
0
0
—
—
—
0
0
0
Bit7
SDC0POL:SDComparator0outputpolaritycontrol
0:Outputnotinverted
1:Outputinverted
ThisistheSDComparator0polaritybit.IfthebitiszerothentheSDC0OUTbit
willreflectthenon-invertedoutputconditionofthecomparator.Ifthebitishighthe
comparatorSDC0OUTbitwillbeinverted.
Bit6
SDC1POL:SDComparator1outputpolaritycontrol
0:Outputnotinverted
1:Outputinverted
ThisistheSDComparator1polaritybit.IfthebitiszerothentheSDC1OUTbit
willreflectthenon-invertedoutputconditionofthecomparator.Ifthebitishighthe
comparatorSDC1OUTbitwillbeinverted.
Bit5~3
Unimplemented,readas"0"
Bit2~0
SDPGA2~SDPGA0:PGAR2/R1ratecontrol
000:×1
001:×2
010:×4
011:×8
100:×16
101:×32
110:×56
111:×1
SDA0C Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
SDA0EN
SDA0O
—
—
—
SDA0BW1 SDA0BW0
R/W
—
R/W
R
—
—
—
R/W
R/W
POR
—
0
0
—
—
—
0
0
Bit7
Unimplemented,readas"0"
Bit6
SDA0EN:SDOPA0enableordisablecontrol
0:Disable
1:Enable
Bit5
SDA0O:SDOPA0outputstatus(positivelogic)
Thisbitisreadonly.
WhenSDA0OFMbitissetto1,SDA0OisdefinedasSDOPA0outputstatus,refer
tothe"OperationalAmplifierInputOffsetCalibration"sectionforthedetailedoffset
calibrationprocedures.
WhenSDA0OFMbitisclearedto0,thisbitwillbefixedatalowlevel.
Bit4~2
Unimplemented,readas"0"
Bit1~0
SDA0BW1~SDA0BW0:SDOPA0bandwidthcontrolbits
00:5kHz
01:40kHz
10:600kHz
11:2MHz
Referto"OperationalAmplifierElectricalCharacteristics"fordetails.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com