Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 177 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 177 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 173Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 174Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 175Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 176Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 177Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 178Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 179Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 180Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 181Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 224 page
background image
Rev. 1.00
17�
De�e��e� �1� �01�
Rev. 1.00
177
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
DACC Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
—
—
—
—
—
—
DACEN
R/W
—
—
—
—
—
—
—
R/W
POR
—
—
—
—
—
—
—
0
Bit7~1
Unimplemented,readas"0"
Bit0
DACEN:16-bitVoiceD/AConverterenableordisablecontrol
0:Disable
1:Enable
IftheD/AConverterisenabled,usermustwaittDACStoensuretheD/AConverter
circuitisstable.AtimetDACSshouldbeallowedfortheD/AConvertercircuitto
stabilize.Andthe16-bitVoiceD/AConverterdataregistershouldbeupdatedafterthe
D/AConvertercircuitisstable.
Low Voltage Detector – LVD
ThesedeviceshaveaLowVoltageDetectorfunction,alsoknownasLVD.Thisenabledthese
devicestomonitorthepowersupplyvoltage,VDD,andprovideawarningsignalshoulditfallbelow
acertainlevel.Thisfunctionmaybeespeciallyusefulinbatteryapplicationswherethesupply
voltagewillgraduallyreduceasthebatteryages,asitallowsanearlywarningbatterylowsignalto
begenerated.TheLowVoltageDetectoralsohasthecapabilityofgeneratinganinterruptsignal.
LVD Register
TheLowVoltageDetectorfunctioniscontrolledusingasingleregisterwiththenameLVDC.Three
bitsinthisregister,VLVD2~VLVD0,areusedtoselectoneofeightfixedvoltagesbelowwhich
alowvoltageconditionwillbedetermined.AlowvoltageconditionisindicatedwhentheLVDO
bitisset.IftheLVDObitislow,thisindicatesthattheVDDvoltageisabovethepresetlowvoltage
value.TheLVDENbitisusedtocontroltheoverallon/offfunctionofthelowvoltagedetector.
Settingthebithighwillenablethelowvoltagedetector.Clearingthebittozerowillswitchoffthe
internallowvoltagedetectorcircuits.Asthelowvoltagedetectorwillconsumeacertainamountof
power,itmaybedesirabletoswitchoffthecircuitwhennotinuse,animportantconsiderationin
powersensitivebatterypoweredapplications.
LVDC Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
—
LVDO
LVDEN
VBGEN
VLVD�
VLVD1
VLVD0
R/W
—
—
R
R/W
R/W
R/W
R/W
R/W
POR
—
—
0
0
0
0
0
0
Bit7~6
Unimplemented,readas"0"
Bit5
LVDO:LVDOutputFlag
0:NoLowVoltageDetect
1:LowVoltageDetect
Bit4
LVDEN:LowVoltageDetectorControl
0:Disable
1:Enable
Bit3
VBGEN:BandgapBufferControl
0:Disable
1:Enable
NotethattheBandgapcircuitisenabledwhentheLVDorLVRfunctionisenabledor
whentheVBGENbitissetto1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com