Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 178 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 178 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 174Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 175Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 176Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 177Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 178Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 179Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 180Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 181Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 182Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 224 page
background image
Rev. 1.00
178
De�e��e� �1� �01�
Rev. 1.00
179
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
Bit2~0
VLVD2~VLVD0:SelectLVDVoltage
000:2.0V
001:2.2V
010:2.4V
011:2.7V
100:3.0V
101:3.3V
110:3.6V
111:4.0V
LVD Operation
TheLowVoltageDetectorfunctionoperatesbycomparingthepowersupplyvoltage,VDD,witha
pre-specifiedvoltagelevelstoredintheLVDCregister.Thishasarangeofbetween2.0Vand4.0V.
Whenthepowersupplyvoltage,VDD,fallsbelowthispre-determinedvalue,theLVDObitwillbe
sethighindicatingalowpowersupplyvoltagecondition.TheLowVoltageDetectorfunctionis
suppliedbyareferencevoltagewhichwillbeautomaticallyenabled.Whenthesedevicesarein
theSLEEPmode,thelowvoltagedetectorwillbedisabledeveniftheLVDENbitishigh.After
enablingtheLowVoltageDetector,atimedelaytLVDSshouldbeallowedforthecircuitrytostabilise
beforereadingtheLVDObit.NotealsothatastheVDDvoltagemayriseandfallratherslowly,atthe
voltagenearsthatofVLVD,theremaybemultiplebitLVDOtransitions.
VDD
LVDEN
LVDO
VLVD
tLVDS
LVD Operation
TheLowVoltageDetectoralsohasitsowninterrupt,providinganalternativemeansoflowvoltage
detection,inadditiontopollingtheLVDObit.Theinterruptwillonlybegeneratedafteradelayof
tLVDaftertheLVDObithasbeensethighbyalowvoltagecondition.Inthiscase,theLVFinterrupt
requestflagwillbeset,causinganinterrupttobegeneratedifVDDfallsbelowthepresetLVD
voltage.Thiswillcausethesedevicestowake-upfromtheSLEEPorIDLEMode,howeverifthe
LowVoltageDetectorwakeupfunctionisnotrequiredthentheLVFflagshouldbefirstsethigh
beforethesedevicesentertheSLEEPorIDLEMode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com