Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 181 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 181 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 177Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 178Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 179Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 180Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 181Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 182Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 183Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 184Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 185Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 224 page
background image
Rev. 1.00
180
De�e��e� �1� �01�
Rev. 1.00
181
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
Register
Name
Bit
7
6
5
4
3
2
1
0
INTEG
—
—
—
—
INT1S1
INT1S0
INT0S1
INT0S0
INTC0
—
MF0F
SDC0F
INT0F
MF0E
SDC0E
INT0E
EMI
INTC1
TB1F
TB0F
ADF
MF1F
TB1E
TB0E
ADE
MF1E
INTC�
LVF
SDC1F
SIMF
INT1F
LVE
SDC1E
SIME
INT1E
INTC3
—
—
UARTF
DEF
—
—
UARTE
DEE
MFI0
PTM1AF PTM1PF PTM0AF PTM0PF PTM1AE PTM1PE PTM0AE PTM0PE
MFI1
—
—
STM0AF STM0PF
—
—
STM0AE STM0PE
Interrupt Registers List – HT66F4540
Register
Name
Bit
7
6
5
4
3
2
1
0
INTEG
—
—
—
—
INT1S1
INT1S0
INT0S1
INT0S0
INTC0
—
MF0F
SDC0F
INT0F
MF0E
SDC0E
INT0E
EMI
INTC1
TB1F
TB0F
ADF
MF1F
TB1E
TB0E
ADE
MF1E
INTC�
LVF
SDC1F
SIMF
INT1F
LVE
SDC1E
SIME
INT1E
INTC3
—
—
UARTF
DEF
—
—
UARTE
DEE
MFI0
PTM1AF PTM1PF PTM0AF PTM0PF PTM1AE PTM1PE PTM0AE PTM0PE
MFI1
STM1AF STM1PF STM0AF STM0PF STM1AE STM1PE STM0AE STM0PE
Interrupt Registers List – HT66F4550
INTEG Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
—
—
—
INT1S1
INT1S0
INT0S1
INT0S0
R/W
—
—
—
—
R/W
R/W
R/W
R/W
POR
—
—
—
—
0
0
0
0
Bit7~4
Unimplemented,readas"0"
Bit3~2
INT1S1~INT1S0:interruptedgecontrolforINT1pin
00:Disable
01:Risingedge
10:Fallingedge
11:Risingandfallingedges
Bit1~0
INT0S1~INT0S0:interruptedgecontrolforINT0pin
00:Disable
01:Risingedge
10:Fallingedge
11:Risingandfallingedges
INTC0 Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
MF0F
SDC0F
INT0F
MF0E
SDC0E
INT0E
EMI
R/W
—
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
0
0
0
0
0
0
0
Bit7
Unimplemented,readas"0"
Bit6
MF0F:Multi-functioninterrupt0requestflag
0:Norequest
1:Interruptrequest
Bit5
SDC0F:SDComparator0interruptrequestflag
0:Norequest
1:Interruptrequest



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com