Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46110V Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # SLG46110V
Description  Data Communications Equipment
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46110V Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button SLG46110V Datasheet HTML 35Page - Dialog Semiconductor SLG46110V Datasheet HTML 36Page - Dialog Semiconductor SLG46110V Datasheet HTML 37Page - Dialog Semiconductor SLG46110V Datasheet HTML 38Page - Dialog Semiconductor SLG46110V Datasheet HTML 39Page - Dialog Semiconductor SLG46110V Datasheet HTML 40Page - Dialog Semiconductor SLG46110V Datasheet HTML 41Page - Dialog Semiconductor SLG46110V Datasheet HTML 42Page - Dialog Semiconductor SLG46110V Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
000-0046110-106
Page 38 of 81
SLG46110
10.4 4-Bit LUT or 8- Bit Counter / Delay Macrocells
There is one macrocell that can serve as either a 4-bit LUT or as a Counter / Delay. When used to implement LUT functions, the
4-bit LUT takes in four input signals from the connection matrix and produces a single output, which goes back into the connection
matrix. When used to implement 8-Bit Counter / Delay function, two of the four input signals from the connection matrix go to the
external clock (ext_clk) and reset (DLY_n/CNT_Reset) for the counter/delay, with the output going back to the connection matrix.
Figure 14. 4-bit LUT0 or CNT/DLY2
CNT/DLY2 OUT
clk
DLY_n/CNT_Reset
4-bit LUT0
OUT
IN0
IN1
16-bits NVM
1-bit NVM
IN2
IN3
To Connection
Matrix Input <15>
From Connection Matrix Output <28>
reg <300:285>
reg <301>
From Connection
Matrix Output <27>
From Connection Matrix Output <30>
From Connection Matrix Output <29>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com