Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46110V Datasheet(PDF) 41 Page - Dialog Semiconductor

Part # SLG46110V
Description  Data Communications Equipment
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46110V Datasheet(HTML) 41 Page - Dialog Semiconductor

Back Button SLG46110V Datasheet HTML 37Page - Dialog Semiconductor SLG46110V Datasheet HTML 38Page - Dialog Semiconductor SLG46110V Datasheet HTML 39Page - Dialog Semiconductor SLG46110V Datasheet HTML 40Page - Dialog Semiconductor SLG46110V Datasheet HTML 41Page - Dialog Semiconductor SLG46110V Datasheet HTML 42Page - Dialog Semiconductor SLG46110V Datasheet HTML 43Page - Dialog Semiconductor SLG46110V Datasheet HTML 44Page - Dialog Semiconductor SLG46110V Datasheet HTML 45Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 82 page
background image
000-0046110-106
Page 40 of 81
SLG46110
10.4.2 4-Bit LUT or 8-Bit Counter / Delay Macrocells Used as 8-Bit Counter / Delay Register Settings
10.5 Programmable Delay / Edge Detector
The SLG46110 has a programmable time delay logic cell available that can generate a delay that is selectable from one of four
timings (time1) configured in the GreenPAK Designer. The programmable time delay cell can generate one of four different delay
patterns, rising edge detection, falling edge detection, both edge detection and both edge delay. These four patterns can be further
modified with the addition of delayed edge detection, which adds an extra unit of delay as well as glitch rejection during the delay
period. See the timing diagrams below for further information.
Note
: The input signal must be longer than the delay, otherwise it will be filtered out.
Table 34. CNT/DLY2 Register Settings
Signal Function
Register Bit
Address
Register Definition
Counter/delay2
Mode Selection
reg <285>
0: Delay Mode
1: Counter Mode
Counter/delay2
Clock Source Select
reg <288:286>
000: Internal OSC Clock
001: OSC/4
010: OSC/12
011: OSC/24
100: OSC/64
101: External Clock
110: External Clock
111: Counter1 Overflow
Counter/delay2
Control Data
reg <296:289>
1 – 256 (delay time = (counter control data +2) /freq)
Delay2 Mode Select
or asynchronous
counter reset
reg <298:297>
00: Delay on both falling and rising edges(for delay & counter reset)
01: Delay on falling edge only (for delay & counter reset)
10: Delay on rising edge only (for delay & counter reset)
11: No delay on either falling or rising edges / high level reset for counter mode
LUT4_0 or Count-
er2 select
reg <301>
0: LUT4_0
1: Counter2
Figure 15. Programmable Delay
Programmable
Delay
OUT
IN
reg <489:488>
From Connection
Matrix Output <37>
To Connection
Matrix Input <22>
reg <487:486>
Edge Mode Selection
Delay Value Selection
1
0
reg <485>
Deglitch Filter Out
1
0
reg <485>
Deglitch Filter In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com