Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46110V Datasheet(PDF) 73 Page - Dialog Semiconductor

Part # SLG46110V
Description  Data Communications Equipment
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46110V Datasheet(HTML) 73 Page - Dialog Semiconductor

Back Button SLG46110V Datasheet HTML 69Page - Dialog Semiconductor SLG46110V Datasheet HTML 70Page - Dialog Semiconductor SLG46110V Datasheet HTML 71Page - Dialog Semiconductor SLG46110V Datasheet HTML 72Page - Dialog Semiconductor SLG46110V Datasheet HTML 73Page - Dialog Semiconductor SLG46110V Datasheet HTML 74Page - Dialog Semiconductor SLG46110V Datasheet HTML 75Page - Dialog Semiconductor SLG46110V Datasheet HTML 76Page - Dialog Semiconductor SLG46110V Datasheet HTML 77Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 82 page
background image
000-0046110-106
Page 72 of 81
SLG46110
PIN 3
reg <389:383>
reg <385:383> PIN3 mode control
000: Digital Input without Schmitt trigger
001: Digital Input with Schmitt trigger
010: Low voltage digital input
011: Analog Input / Output
100: Push Pull
101: Open Drain NMOS
110: Open Drain PMOS
111: Analog Input / Output & Open drain
reg <387:386> PIN3 pull up/down resistor value selec-
tion
00: floating
01: 10K
10: 100K
11: 1M
reg <388> PIN3 pull up/down resistor select
0: pull down resistor enable
1: pull up resistor enable
reg <389> PIN3 driver strength selection
0: 1X
1: 2X
PIN 4
reg <396:390>
reg <392:390> PIN4 mode control
000: Digital Input without Schmitt trigger
001: Digital Input with Schmitt trigger
010: Low voltage digital input
011: Analog Input / Output
100: Push Pull
101: Open Drain NMOS
110: Open Drain PMOS
111: Analog Input / Output & Open drain
reg <394:393> PIN4 pull up/down resistor value selec-
tion
00: floating
01: 10K
10: 100K
11: 1M
reg <395> PIN4 pull up/down resistor select
0: pull down resistor enable
1: pull up resistor enable
reg <396> PIN4 driver strength selection
0: 1X
1: 2X
PIN6
reg <403:397>
reg <398:397> PIN6 mode control (sig_PIN6_oe =0)
00: Digital Input without Schmitt trigger
01: Digital Input with Schmitt trigger
11: Low Voltage Digital Input
10: Analog Input / Output
reg <400:399> PIN6 mode control (sig_PIN6_oe =1)
00: Push Pull 1X
01: Push Pull 2X
10: Open Drain NMOS 1X
11: Open Drain NMOS 2X
reg <402:401> PIN6 pull up/down resistor value selec-
tion
00: floating
01: 10K
10: 100K
11: 1M
reg <403> PIN6 pull up/down resistor select
0: pull down resistor enable
1: pull up resistor enable
Register Bit
Address
Signal Function
Register Bit Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com