Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46110V Datasheet(PDF) 28 Page - Dialog Semiconductor

Part # SLG46110V
Description  Data Communications Equipment
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46110V Datasheet(HTML) 28 Page - Dialog Semiconductor

Back Button SLG46110V Datasheet HTML 24Page - Dialog Semiconductor SLG46110V Datasheet HTML 25Page - Dialog Semiconductor SLG46110V Datasheet HTML 26Page - Dialog Semiconductor SLG46110V Datasheet HTML 27Page - Dialog Semiconductor SLG46110V Datasheet HTML 28Page - Dialog Semiconductor SLG46110V Datasheet HTML 29Page - Dialog Semiconductor SLG46110V Datasheet HTML 30Page - Dialog Semiconductor SLG46110V Datasheet HTML 31Page - Dialog Semiconductor SLG46110V Datasheet HTML 32Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 82 page
background image
000-0046110-106
Page 27 of 81
SLG46110
9.0 Combinatorial Logic
Combinatorial logic is supported via four Lookup Tables (LUTs) within the SLG46110. There are two 2-bit LUTs and two 3-bit LUTs.
The device also includes six Combination Function Macrocells that can be used as LUTs. For more details, please see Section
10.0 Combination Function Macrocells.
Inputs/Outputs for the four LUTs are configured from the connection matrix with specific logic functions being defined by the state
of NVM bits. The outputs of the LUTs can be configured to any user defined function, including the following standard digital logic
devices (AND, NAND, OR, NOR, XOR, XNOR).
9.1 2-Bit LUT
The two 2-bit LUTs each take in two input signals from the connection matrix and produce a single output, which goes back into
the connection matrix. ..
Each 2-bit LUT uses a 4-bit register signal to define their output functions;
2-Bit LUT2 is defined by reg <235:232>
2-Bit LUT3 is defined by reg <239:236>
The table below shows the register bits for the standard digital logic devices (AND, NAND, OR, NOR, XOR, XNOR) that can be
created within each of the two 2-bit LUT logic cells.
Figure 7. 2-bit LUTs
Table 18. 2-bit LUT Standard Digital Functions.
Function
MSB
LSB
AND-2
1
000
NAND-2
0
1
1
1
OR-2
1
110
NOR-2
0
0
0
1
XOR-2
0
110
XNOR-2
1
001
2-bit LUT2 OUT
IN1
IN0
reg <235:232>
From Connection
Matrix Output <8>
From Connection
Matrix Output <9>
To Connection
Matrix Input <7>
2-bit LUT3 OUT
IN1
IN0
reg <239:236>
From Connection
Matrix Output <10>
From Connection
Matrix Output <11>
To Connection
Matrix Input <8>
Table 16. 2-bit LUT2 Truth Table.
IN1
IN0
OUT
0
0
reg <232>
0
1
reg <233>
1
0
reg <234>
1
1
reg <235>
Table 17. 2-bit LUT3 Truth Table.
IN1
IN0
OUT
0
0
reg <236>
0
1
reg <237>
1
0
reg <238>
1
1
reg <239>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com