Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46110V Datasheet(PDF) 24 Page - Dialog Semiconductor

Part # SLG46110V
Description  Data Communications Equipment
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46110V Datasheet(HTML) 24 Page - Dialog Semiconductor

Back Button SLG46110V Datasheet HTML 20Page - Dialog Semiconductor SLG46110V Datasheet HTML 21Page - Dialog Semiconductor SLG46110V Datasheet HTML 22Page - Dialog Semiconductor SLG46110V Datasheet HTML 23Page - Dialog Semiconductor SLG46110V Datasheet HTML 24Page - Dialog Semiconductor SLG46110V Datasheet HTML 25Page - Dialog Semiconductor SLG46110V Datasheet HTML 26Page - Dialog Semiconductor SLG46110V Datasheet HTML 27Page - Dialog Semiconductor SLG46110V Datasheet HTML 28Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 82 page
background image
000-0046110-106
Page 23 of 81
SLG46110
8.0 Connection Matrix
The Connection Matrix in the SLG46110 is used to create the internal routing for internal functions of the device once it is
programmed. The registers are programmed from the one-time NVM cell during Test Mode Operation. All of the connection point
for each logic cell within the SLG46110 has a specific digital bit code assigned to it that is either set to active “High” or inactive
“Low” based on the design that is created. Once the 512 register bits within the SLG46110 are programmed a fully custom circuit
will be created.
The Connection Matrix has 32 inputs and 44 outputs. Each of the 32 inputs to the Connection Matrix is hard-wired to a particular
source macrocell, including I/O pins, LUTs, analog comparators, other digital resources and VDD and VSS. The input to a digital
macrocell uses a 5-bit register to select one of these 32 input lines.
For a complete list of the SLG46110’s register table, see Section 16.0 Appendix A - SLG46110 Register Definition.
Figure 5. Connection Matrix
Figure 6. Connection Matrix Example
VSS
0
Pin 2 Digital In
1
Pin 3 Digital In
2
Pin 4 Digital In
3
Matrix Input Signal
Functions
N
PIN12 Digital In
30
VDD
31
N
Function
Registers
43
PIN12 Digital Output
Source
reg <219:215>
0
PIN3 Digital Output
Source
reg <4:0>
1
PIN4Digital Output
Source
reg <9:5>
2
PIN6 Digital Output
Source
reg <14:10>
Matrix Inputs
Matrix Outputs
Pin 2
Pin 3
Pin 10
Connection Matrix
LUT
Pin 3
Pin 2
LUT
Pin 10
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com