Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46110V Datasheet(PDF) 63 Page - Dialog Semiconductor

Part # SLG46110V
Description  Data Communications Equipment
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46110V Datasheet(HTML) 63 Page - Dialog Semiconductor

Back Button SLG46110V Datasheet HTML 59Page - Dialog Semiconductor SLG46110V Datasheet HTML 60Page - Dialog Semiconductor SLG46110V Datasheet HTML 61Page - Dialog Semiconductor SLG46110V Datasheet HTML 62Page - Dialog Semiconductor SLG46110V Datasheet HTML 63Page - Dialog Semiconductor SLG46110V Datasheet HTML 64Page - Dialog Semiconductor SLG46110V Datasheet HTML 65Page - Dialog Semiconductor SLG46110V Datasheet HTML 66Page - Dialog Semiconductor SLG46110V Datasheet HTML 67Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 82 page
background image
000-0046110-106
Page 62 of 81
SLG46110
15.0 Power On Rest (POR)
The SLG46110 has a power-on reset (POR) macrocell to ensure correct device initialization and operation of all macrocells in the
device. The purpose of the POR circuit is to have consistent behavior and predictable results when the VDD power is first ramping
to the device, and also while the VDD is falling during power-down. To accomplish this goal, the POR drives a defined sequence
of internal events that trigger changes to the states of different macrocells inside the device, and finally to the state of the I/O pins.
This application note is created to explain the whole process of POR operation and GreenPAK chip behavior during the time while
it is powering up and powering down.
15.1 General Operation
The SLG46110 is guaranteed to be powered down and nonoperational when the VDD voltage (voltage on PIN1) is less than 0.6V,
but not less than -0.6V. Another essential condition for the chip to be powered down is that no voltage higher (see Note 1) than
the VDD voltage is applied to any other PIN. For example, if VDD voltage is 0.3V, applying a voltage higher than 0.3V to any other
PIN is incorrect, and can lead to incorrect or unexpected device behavior.
Note 1. There is a 0.6V margin due to forward drop voltage of the ESD protection diodes.
To start the POR sequence in the SLG46110, the voltage applied on the VDD should be higher than the Power_ON threshold
(see Note 2). The full operational VDD range for the SLG46110 is 1.71V – 5.5V (1.8V ±5% - 5V±10%). This means that the VDD
voltage must ramp up to the operational voltage value, but the POR sequence will start earlier, as soon as the VDD voltage rises
to the Power_ON threshold. After the POR sequence has started, the SLG46110 will have a typical period of time to go through
all the steps in the sequence (noted in the datasheet for that device), and will be ready and completely operational after the POR
sequence is complete.
Note 2. The Power_ON threshold can vary by PVT, but typically it is 1.6V.
To power down the chip the VDD voltage should be lower than the operational and to guarantee that chip is powered down it
should be less than 0.6V.
All PINs are in high impedance state when the chip is powered down and while the POR sequence is taking place. The last step
in the POR sequence releases the I/O structures from the high impedance state, at which time the device is operational. The pin
configuration at this point in time is defined by the design programmed into the chip. Also as it was mentioned before the voltage
on PINs can’t be bigger than the VDD, this rule also applies to the case when the chip is powered on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com